Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC62LS4096KI-25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza UC62LS4096KI-25
Descripción Electrónicos  Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS4096KI-25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UC62LS4096KI-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS4096KI-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low Power CMOS SRAM
256K X 16
UC62LS4096
-20/-25
PIN DESCRIPTION
Name
Type
Function
A0 – A17
Input
Address inputs for selecting one of the 262,144 x 16 bit words in the RAM
CE\
Input
CE\ is active LOW. Chip enable must be active when data read from or write to the device. If chip
enable is not active, the device is deselected and not in a standby power down mode. The DQ
pins will be in high impedance state when the device is deselected.
WE\
Input
The Write enable input is active LOW and controls read and write operations. With the chip
selected, when WE\ is HIGH and OE\ is LOW, output data will be present on the DQ pins, when
WE\ is LOW, the data present on the DQ pins will be written into the selected memory location.
OE\
Input
The output enable input is active LOW. If the output enable is active while the chip is selected
and the write enable is inactive, data will be present on the DQ pins and they will be enabled.
The DQ pins will be in the high impedance state when OE\ is inactive.
UB\ and LB\
Input
Lower byte and upper byte data input/output control pins.
DQ0 – DQ15
I/O
These 16 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power
Power Supply
Gnd
Power
Ground
TRUTH TABLE
Mode
WE\
CE\
OE\
LB\
UB\
I/O 0 ~ 7
I/O 8 ~ 15
Vcc Current
Not Selected
X
H
X
X
X
High Z
High Z
ISB,ISB1
H
L
H
X
X
Output Disabled
X
L
X
H
H
High Z
High Z
ICC
H
L
L
L
H
DOUT
High Z
H
L
L
H
L
High Z
DOUT
Read
H
L
L
L
L
DOUT
DOUT
ICC
L
L
X
L
H
DIN
High Z
L
L
X
H
L
High Z
DIN
Write
L
L
X
L
L
DIN
DIN
ICC
ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNIT
VTERM
Terminal Voltage with
Respect to GND
-0.5 to VCC+0.5
V
TBIAS
Temperature Under Bias
-40 to 125
TSTG
Storage Temperature
-50 to 150
PT
Power Dissipation
0.5
W
IOUT
DC Output Current
10
mA
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE
RANGE
AMBIENT
TEMPERATURE
VCC
Commercial
0℃ to 70℃
3.0V ~ 3.6V
Industrial
-40℃ to 85℃
3.0V ~ 3.6V
CAPACITANCE
(1)(TA=25℃,f=1.0MHz)
SYMBOL
PARAMETER
CONDITIONS MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VDQ
8
pF
1. This parameter is guaranteed and not 100% tested.
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
2


Número de pieza similar - UC62LS4096KI-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008-20 ETC1-UC62LS4008-20 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008-25 ETC1-UC62LS4008-25 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008AC ETC1-UC62LS4008AC Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008AI ETC1-UC62LS4008AI Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
More results

Descripción similar - UC62LS4096KI-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2048 ETC-UC62LV2048 Datasheet
510Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55BIN ALSC-AS6C6416-55BIN Datasheet
699Kb / 11P
   Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LV1024 ETC1-UC62LV1024 Datasheet
463Kb / 9P
   Low Power CMOS SRAM
UC62LV4096 ETC1-UC62LV4096 Datasheet
464Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55TIN ALSC-AS6C6416-55TIN Datasheet
671Kb / 12P
   LOW POWER CMOS SRAM
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
   Low Power CMOS SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com