Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK55C641 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza STK55C641
Descripción Electrónicos  STK55C641
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

STK55C641 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK55C641 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK55C641 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Syntek Semiconductor Co., Ltd
LCD Controller
3 / 3
ISSUE DATE : 3 March, 2000
STK55C641
4. PIN DESCRIPTION :
(Total 100 pads)
Pin name
I/O
Function description
COM1-COM16
O
LCD common output pins
SEG1...SEG40
O
LCD segment output pins
VLCD
I
LCD voltage input
VR
I
LCD contrast control
CLK256
O
256 Hz clock output
P10-P17
I/O
8-bit I/O pins for port 1
P20-P27
I/O
8-bit I/O pins for port 2
P30-P37
I/O
8-bit I/O pins for port 3
P40-P45
I/O
6-bit I/O pins for port 4
OSC1
I
Main system oscillator input pin for chip
OSC2
O
Main system oscillator output pin for resistor
XOSC1
I
32.768K Hz crystal oscillator input
XOSC2
O
32.768K Hz crystal oscillator output
SOUND
O
Audio output
/RES
I
System reset
/TEST
I
Test pin. Keep floating or connect to Vdd
VDD
Power input
VSS1, VSS2
Signal ground
5. ADDRESS ARRANGEMENT
Please note that A14-A15 are not cared in hardware. So, following memory areas are mapping
in the same location.
0000-3FFF, 4000-7FFF, 8000-BFFF, C000-FFFF.
1) RAM
0000-007F for LCD output data storage.
Memory address
Pin for 1/16 duty
Pin for 1/8 duty
0000-0004
COM1
COM1
0008-000C
COM2
COM2
0010-0014
COM3
COM3
0018-001C
COM4
COM4
0020-0024
COM5
COM5


Número de pieza similar - STK55C641

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK55C324 ETC-STK55C324 Datasheet
430Kb / 24P
   LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com