Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9304-11 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

No. de pieza 9304-11
Descripción Electrónicos  1- 7 GHz Low Power CMOS Divide-by-2 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9304-11 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  9304-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9304-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9304-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9304-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9304-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9304-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Product Specification
PE9304
Page 4 of 7
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0152-02
│ UltraCMOS™ RFIC Solutions
Typical Performance Data @ +25 °C
Figure 6. Input Sensitivity
Figure 8. Output Power
Figure 7. Device Current
Specified
Operating Window


Número de pieza similar - 9304-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Peregrine Semiconductor...
9304-11 PEREGRINE-9304-11 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results

Descripción similar - 9304-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Peregrine Semiconductor...
PE83511 PEREGRINE-PE83511 Datasheet
278Kb / 6P
   DC - 1500MHz Low Power CMOS Divide-by-2 Prescaler
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com