Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4212L Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADF4212L
Descripción Electrónicos  Dual Low Power PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4212L Datasheet(HTML) 5 Page - Analog Devices

  ADF4212L Datasheet HTML 1Page - Analog Devices ADF4212L Datasheet HTML 2Page - Analog Devices ADF4212L Datasheet HTML 3Page - Analog Devices ADF4212L Datasheet HTML 4Page - Analog Devices ADF4212L Datasheet HTML 5Page - Analog Devices ADF4212L Datasheet HTML 6Page - Analog Devices ADF4212L Datasheet HTML 7Page - Analog Devices ADF4212L Datasheet HTML 8Page - Analog Devices ADF4212L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
ADF4212L
–5–
PIN FUNCTION DESCRIPTION
Mnemonic
Description
CPRF
RF Charge Pump Output. When enabled, this provides
±ICP to the external RF loop filter, which in turn drives the
external RF VCO.
DGNDRF
Digital Ground Pin for the RF Digital Circuitry
RFIN
Input to the RF Prescaler. This small signal input is normally ac-coupled from the RF VCO.
AGNDRF
Ground Pin for the RF Analog Circuitry
FLO
Multiplexed Output of RF/IF Programmable or Reference Dividers, RF/IF Fastlock Mode. CMOS output.
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resistance of 100 k
Ω.
See Figure 2. This input can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
DGNDIF
Digital Ground Pin for the IF Digital, Interface, and Control Circuitry
MUXOUT
This multiplexer output allows either the IF/RF Lock Detect, the scaled RF, scaled IF, or the scaled Reference Frequency
to be accessed externally.
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into
the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a high
impedance CMOS input.
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four
latches, the latch being selected using the control bits.
RSET
Connecting a resistor between this pin and ground sets the maximum RF and IF charge pump output current. The
nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
I
R
CP MAX
SET
=
13 5
.
so, with RSET = 2.7 k
Ω, ICP MAX = 5 mA for both the RF and IF Charge Pumps.
AGNDIF
Ground Pin for the IF Analog Circuitry
IFIN
Input to the IF Prescaler. This small signal input is normally ac-coupled from the IF VCO.
CPIF
Output from the IF Charge Pump. This is normally connected to a loop filter that drives the input to an external VCO.
VP2Power Supply for the IF Charge Pump. This should be greater than or equal to VDD2. In systems where VDD2 is 3 V,
it can be set to 5.5 V and used to drive a VCO with a tuning range up to 5.5 V.
VDD2Power Supply for the IF, Digital, and Interface Section. Decoupling capacitors to the ground plane should be placed
as close as possible to this pin. VDD2 should have a value of between 2.6 V and 3.3 V. VDD2 must have the same
potential as VDD1.
VDD1Power Supply for the RF Section. Decoupling capacitors to the ground plane should be placed as close as possible to
this pin. VDD1 should have a value of between 2.6 V and 3.3 V. VDD1 must have the same potential as VDD2.
VP1Power Supply for the RF Charge Pump. This should be greater than or equal to VDD1. In systems where VDD1 is 3 V,
it can be set to 5.5 V and used to drive a VCO with a tuning range up to 5.5 V.


Número de pieza similar - ADF4212L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
More results

Descripción similar - ADF4212L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com