Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2596 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza LM2596
Descripción Electrónicos  3.0A, 150Khz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

LM2596 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LM2596 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 10Page - List of Unclassifed Manufacturers LM2596 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
3.0A, 15V, Step-Down Switching Regulator
LM2596
HTC
10
PACKAGES DIMENSION : TO220V-5L
Oct 2004 - Rev 0


Número de pieza similar - LM2596

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results

Descripción similar - LM2596

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com