Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27964SQ-I Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM27964SQ-I
Descripción Electrónicos  White LED Driver System with I2C Compatible Brightness Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27964SQ-I Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM27964SQ-I Datasheet HTML 4Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 5Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 6Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 7Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 8Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 9Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 10Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 11Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Circuit Description
OVERVIEW
The LM27964 is a white LED driver system based upon an
adaptive 1.5x/1x CMOS charge pump capable of supplying
up to 180mA of total output current. With three separately
controlled banks of constant current sinks, the LM27964 is
an ideal solution for platforms requiring a single white LED
driver for main and sub displays, as well as other general
purpose lighting needs. The tightly matched current sinks
ensure uniform brightness from the LEDs across the entire
small-format display.
Each LED is configured in a common anode configuration,
with the peak drive current being programmed through the
use of external R
SETx resistors. An I
2C compatible interface
is used to enable and vary the brightness within the indi-
vidual current sink banks. For BankA and BankB, 16 levels of
PWM brightness control are available, while 4 analog levels
are present for the DKEY driver.
CIRCUIT COMPONENTS
Charge Pump
The input to the 1.5x/1x charge pump is connected to the V
IN
pin, and the regulated output of the charge pump is con-
nected to the V
OUT pin. The recommended input voltage
range of the LM27964 is 3.0V to 5.5V. The device’s regu-
lated charge pump has both open loop and closed loop
modes of operation. When the device is in open loop, the
voltage at V
OUT is equal to the gain times the voltage at the
input. When the device is in closed loop, the voltage at V
OUT
is regulated to 4.6V (typ.). The charge pump gain transitions
are actively selected to maintain regulation based on LED
forward voltage and load requirements. This allows the
charge pump to stay in the most efficient gain (1x) over as
much of the input voltage range as possible, reducing the
power consumed from the battery.
LED Forward Voltage Monitoring
The LM27964 has the ability to switch converter gains (1x or
3/2x) based on the forward voltage of the LED load. This
ability to switch gains maximizes efficiency for a given load.
Forward voltage monitoring occurs on all diode pins within
BankA and BankB (DKEY is not monitored). At higher input
voltages, the LM27964 will operate in pass mode, allowing
the POUT voltage to track the input voltage. As the input
voltage drops, the voltage on the DXX pins will also drop
(V
DXX =VPOUT –VLEDx). Once any of the active Dxx pins
reaches a voltage approximately equal to 375mV, the charge
pump will then switch to the gain of 3/2. This switchover
ensures that the current through the LEDs never becomes
pinched off due to a lack of headroom on the current
sources.
Only active Dxx pins will be monitored. For example, if only
BankA is enabled, the LEDs in BankB will not affect the gain
transition point. If both banks are enabled, all diodes will be
monitored, and the gain transition will be based upon the
diode with the highest forward voltage. The DKEY pin is not
monitored as it is intended to be for keypad LEDs. Keypad
LEDs generally require lower current, resulting in lower for-
ward voltage compared to the BankA and BankB LEDs that
have higher currents. In the event that only the DKEY driver
is enabled without either BankA or BankB, the charge pump
will default to 3/2 mode to ensure the DKEY driver has
enough headroom.
It is not recommended that any of the BankA or BankB
drivers be left disconnected if either bank will be used in the
application. If Dxx pin/s are left unconnected, the LM27964
will default to the gain of 3/2. If the BankA or BankB drivers
are not going to be used in the application, leaving the Dxx
pins is acceptable as long as the ENx bit in the general
purpose register is set to "0".
I
2C Compatible Interface
DATA VALIDITY
The data on SDIO line must be stable during the HIGH
period of the clock signal (SCL). In other words, state of the
data line can only be changed when CLK is LOW.
A pull-up resistor between VIO and SDIO must be greater
than [ (VIO-V
OL) / 2mA] to meet the VOL requirement on
SDIO. Using a larger pull-up resistor results in lower switch-
ing current with slower edges, while using a smaller pull-up
results in higher switching currents with faster edges.
START AND STOP CONDITIONS
START and STOP conditions classify the beginning and the
end of the I
2C session. A START condition is defined as
SDIO signal transitioning from HIGH to LOW while SCL line
is HIGH. A STOP condition is defined as the SDIO transition-
ing from LOW to HIGH while SCL is HIGH. The I
2C master
always generates START and STOP conditions. The I
2C bus
is considered to be busy after a START condition and free
after a STOP condition. During data transmission, the I
2C
master can generate repeated START conditions. First
START and repeated START conditions are equivalent,
function-wise. The data on SDIO line must be stable during
the HIGH period of the clock signal (SCL). In other words,
the state of the data line can only be changed when CLK is
LOW.
TRANSFERING DATA
Every byte put on the SDIO line must be eight bits long, with
the most significant bit (MSB) being transferred first. Each
byte of data has to be followed by an acknowledge bit. The
acknowledge related clock pulse is generated by the master.
20138106
FIGURE 1. Data Validity Diagram
20138111
FIGURE 2. Start and Stop Conditions
www.national.com
8


Número de pieza similar - LM27964SQ-I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27964SQ-I NSC-LM27964SQ-I Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
More results

Descripción similar - LM27964SQ-I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com