Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40200D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40200D
Descripción Electrónicos  WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40200D Datasheet(HTML) 5 Page - Texas Instruments

  TPS40200D Datasheet HTML 1Page - Texas Instruments TPS40200D Datasheet HTML 2Page - Texas Instruments TPS40200D Datasheet HTML 3Page - Texas Instruments TPS40200D Datasheet HTML 4Page - Texas Instruments TPS40200D Datasheet HTML 5Page - Texas Instruments TPS40200D Datasheet HTML 6Page - Texas Instruments TPS40200D Datasheet HTML 7Page - Texas Instruments TPS40200D Datasheet HTML 8Page - Texas Instruments TPS40200D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-50
-25
0
25
50
75
100
125
Temp - °C
1.56
1.57
1.58
1.59
1.6
1.61
1.62
1.63
1.64
1.65
1.66
V
= 12 V
DD
5
10
15
20
25
30
35
40
45
50
55
V
- V
DD
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
Temp - °C
4
4.05
4.1
4.15
4.2
4.25
4.3
Turn Off
Turn On
-50
-25
0
25
50
75
100
125
Temp - °C
153.5
154
154.5
155
155.5
156
156.5
V
= 12 V
DD
TPS40200
SLUS659 – FEBRUARY 2006
DEVICE INFORMATION (continued)
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Switching frequency setting RC network. Connect capacitor from RC pin to GND pin and resistor from VIN
RC
1
I
pin to RC pin. The device may be synchronized to an external clock by connecting an open drain output to
this pin and pulling it to GND. The pulse width for synchronization should not be excessive. See Section 1.
Soft-start programming pin. Connect capacitor from SS to GND to program soft start time. Pulling this pin
SS
2
I
below 150 mV causes the output switching to stop, placing the device in a shutdown state. The pin also
functions as a restart timer for overcurrent events.
COMP
3
O
Error amplifier output. Connect control loop compensation network from COMP to FB.
FB
4
I
Error amplifier inverting input. Connect feedback resistor network center tap to this pin.
GND
5
Device ground.
GDRV
6
O
Driver output for external P-channel MOSFET
Current-sense comparator input. Connect a current sense resistor between ISNS and VDD in order to set
ISNS
7
I
desired overcurrent threshold.
VDD
8
I
System input voltage. Connect local bypass capacitor from VDD to GND.
QUIESCENT CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs VDD
Figure 5.
Figure 6.
SOFT START THRESHOLD vs TEMPERATURE
UVLO TURN ON AND TURN OFF vs TEMPERATURE
Figure 7.
Figure 8.
5
Submit Documentation Feedback


Número de pieza similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200D TI-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI-TPS40200D Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI1-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results

Descripción similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com