Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40222DRPTG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS40222DRPTG4
Descripción Electrónicos  1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40222DRPTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40222DRPTG4 Datasheet HTML 1Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 2Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 3Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 4Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 5Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 6Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 7Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 8Page - Texas Instruments TPS40222DRPTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
R2
2
3
5
4
AVIN PVIN
FB
GND
SW
6
BOOST
C1
C2
C3
L1
R1
D1
VOUT
VIN
UDG−04135
TPS40222
1
0
0.2
0.4
0.6
0.8
1.0
60
70
100
1.2
1.4
1.6
80
90
65
95
75
85
ILOAD − Load Current − A
VIN = 5 V
VOUT = 1.25 V
VOUT = 3.3 V
TPS40222
SLUS642A – OCTOBER 2005 – REVISED JANUARY 2006
1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm
× 3 mm SON PACKAGE
Disk Drives
Input Voltage Range 4.5 VDC to 8 VDC
Set Top Box
Output Voltage (0.8 V to 90% VIN)
Point of Load Power
0 A to 1.6 A Current Capability
ASIC Power Supplies
Fixed 1.25-MHz Switching Frequency
Reference 0.8 V ±1%
Internal 250 m
Ω N-Channel MOSFET Switch
The TPS40222 is a fixed-frequency, current-mode,
Current Mode Control with Internal Slope
non-synchronous
buck
converter
optimized
for
Compensation
applications powered by a 5-V distributed source.
Internal Soft-Start
With
internally
determined
operating
frequency,
soft-start time, and control loop compensation, the
Internal Loop Compensation
TPS40222 provides many features with a minimum of
Short Circuit Protection
external components.
Thermal Shutdown
The TPS40222 operates at 1.25 MHz and supports
High Efficiency Up to 92%
up to 1.6-A output loads. The output voltage can be
Small 3 mm
× 3 mm SON Package
programmed to as low as 0.8 V. The TPS40222
utilizes
pulse-by-pulse
current
limit
as
well
as
frequency foldback to protect the converter during a
catastrophic short circuited output condition.
SIMPLIFIED APPLICATION DIAGRAM
TYPICAL EFFICIENCY
vs
LOAD CURRENT
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS40222DRPTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40222 TI1-TPS40222 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS40222 TI1-TPS40222 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS40222 TI-TPS40222_15 Datasheet
942Kb / 28P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 쨈 3 mm SON PACKAGE
More results

Descripción similar - TPS40222DRPTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40222 TI-TPS40222_15 Datasheet
942Kb / 28P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 쨈 3 mm SON PACKAGE
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com