Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IZ5851V Datasheet(PDF) 1 Page - Integral Corp.

No. de pieza IZ5851V
Descripción Electrónicos  CMOS 4-BIT SINGLE-CHIP APPLICATION-ORIENTED MICROCOMPUTER WITH LCD DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ5851V Datasheet(HTML) 1 Page - Integral Corp.

  IZ5851V Datasheet HTML 1Page - Integral Corp. IZ5851V Datasheet HTML 2Page - Integral Corp. IZ5851V Datasheet HTML 3Page - Integral Corp. IZ5851V Datasheet HTML 4Page - Integral Corp. IZ5851V Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IZ5851V
1
CMOS 4-BIT SINGLE-CHIP APPLICATION-ORIENTED
MICROCOMPUTER WITH
LCD DRIVER
( prototype LC5851N SANYO).
DESCRIPTION
The IZ5851 is a CMOS 4-bit single chip microcomputer that operate on low voltage, very
low current and contain LCD drivers.
It also contain a 4 bit parallel processing ALU, a program memory ROM, data memory
(RAM),input & output port, Timer, many LCD segments outputs,
a prescaler, and a clock generator. A total of 79 instruction, including the operation and
processing instructions executable in 4 bits units, various conditional branch instructions
and LCD drivers data transfer instructions, from an easy- to-use and effective instruction
system.
FEATURES
• Supply voltage
1.5 or 3 V
(Mask option selectable)
• Current dissipation
5.0
µ A Typ
(Ag Battery ,32 kHz
crystal oscillation)
• Output pins for LCD drive
25
• Input port pin
2 ports/8 pins
• Input/Output port pin
2 ports/8 pins
• Output port pin
1 ports/4 pins
• Control output terminal
2 pins
• ROM
1024
× 15 bit
•.RAM
64
× 4 bit
• Cycle Time
32.768 kHz
crystal
:244
µs
• Instruction set
79 instructions
• Interrupt function .
.. External source
2
.. Internal source
2
ABSOLUTE MAXIMUM RATINGS (VDD = 0V, Ta=25°C)
Item
Symbol
Condition/Terminal
Rating
Unit
Maximum Supply
Voltage
VSS1
VSS2
-4.0
-4.0
V
V
Maximum input
Voltage
Vin1
S1-4,M1-4,I/OA1-4,I/OB1-
4,INT,TESTA,OSCIN,RES,BAK
Vss1-0.3
V
Operating
Temperature
Ta
-0 ~ + 55
oC
ESD (HBM)
200
V
ALLOWABLE OPERATING CONDITIONS (Ta = 25oC, VDD = 0V)
Item
Symbol
Condition/Terminal
min
max
Unit
Supply Voltage
VSS1
VSS2
VBAK=Vss1
-1.65
-3.3
-1.3
-2.4
V
V
Input H-level
Voltage
Vih
S1-4,M1-4,I/OA1-4,I/OB1-
4,INT
-0.2
0
V
Input L-level
Voltage
Vil
S1-4,M1-4,I/OA1-4,I/OB1-
4,INT
Vss1
Vss1+0.2
V
Operating
Frequency
fop
Ta =0 ~ + 55
°C
32
33
kHz


Descripción similar - IZ5851V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA2010 SIEMENS-SDA2010 Datasheet
172Kb / 7P
   application-oriented single-chip microcomputer
SDA2080 SIEMENS-SDA2080 Datasheet
415Kb / 10P
   application-oriented single-chip microcomputer
SDA2082 SIEMENS-SDA2082 Datasheet
504Kb / 13P
   application-oriented single-chip microcomputer
SDA2087 SIEMENS-SDA2087 Datasheet
33Kb / 1P
   Application-oriented single-chip microcomputer
logo
NEC
UPD7514 NEC-UPD7514 Datasheet
1Mb / 19P
   4-BIT, SINGLE-CHIP CMOS MICROCOMPUTER WITH LCD CONTROLLER/DRIVER
logo
Sanyo Semicon Device
LC5850 SANYO-LC5850 Datasheet
935Kb / 20P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVER
LC573404A SANYO-LC573404A Datasheet
612Kb / 30P
   4-Bit Single Chip Microcomputer with LCD Driver?
logo
Sharp Corporation
SM563 SHARP-SM563 Datasheet
196Kb / 6P
   4-Bit Single-Chip Microcomputer(LCD Driver)
SM565 SHARP-SM565 Datasheet
222Kb / 6P
   4-Bit Single-Chip Microcomputer(LCD Driver)
SM3905 SHARP-SM3905 Datasheet
215Kb / 6P
   4-Bit Single-Chip Microcomputer(LCD Driver)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com