Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IZ7007 Datasheet(PDF) 1 Page - Integral Corp.

No. de pieza IZ7007
Descripción Electrónicos  Circuit for electron pedometer - ergmeter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7007 Datasheet(HTML) 1 Page - Integral Corp.

  IZ7007 Datasheet HTML 1Page - Integral Corp. IZ7007 Datasheet HTML 2Page - Integral Corp. IZ7007 Datasheet HTML 3Page - Integral Corp. IZ7007 Datasheet HTML 4Page - Integral Corp. IZ7007 Datasheet HTML 5Page - Integral Corp. IZ7007 Datasheet HTML 6Page - Integral Corp. IZ7007 Datasheet HTML 7Page - Integral Corp. IZ7007 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IZ7007
1
Circuit for electron pedometer - ergmeter
Short characteristics
Functions performed:
-
5 functions for counting time and calendar with indication of hours, minutes, seconds,
month, date ,
-
count the quantity of steps by means of evaluation and counting pulses from external
sensor ;
-
count and indication of steps, calories, kilometers , miles during current day and night
(mode «DAILY STEPS COUNTER»);
-
summing up at changing 24 hours, steps , calories, kilometers , miles with values
stored previous ( mode «TOTAL STEPS COUNTER»).
Features:
-
imbed in chip element of quartz generator with operating frequency of 32768 Hz,
capacity, resistor, and voltage doubler;
-
operation from one battery with the voltage of 1.5V, low consumption power;
-
availability of circuits of contacts bracing suppression on buttons inputs;
-
frequency of registered pulses from external sensor at counting steps is no more than
6Hz at duration of time between the end of previous and beginning of counted pulse no
less than 100 ms;
-
conversion of quantity of steps into calories , kilometres and miles according to the
following ratios:
(10 steps
= 0.24 calorie
= 0.0073 klm
= 0.0045 mile ;
1000 steps = 24 calorie
= 0.73 klm
= 0.456 mile );
-
indication of distance in miles and kilometers starting from 0.001, calories, starting
from 0.1.
Operating temperatures range
operating temperatures range from -0 to +70
°С.


Número de pieza similar - IZ7007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
More results

Descripción similar - IZ7007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ7010 INTEGRAL-IZ7010 Datasheet
392Kb / 14P
   CIRCUIT FOR ELECTRON PEDOMETER - ERGOMETER
logo
Shenzhen Titan Micro El...
TM9937 TITAN-TM9937 Datasheet
135Kb / 7P
   Three-phase electron-electrIc circuit
logo
OptoDiode Corp
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
   ELECTRON DETECTION 100 mm Ideal for electron detection
logo
Shenzhen Titan Micro El...
TM9936 TITAN-TM9936 Datasheet
185Kb / 13P
   Three-phase electron-electrIc circuit
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
   Pedometer
SC73003 FUMAN-SC73003 Datasheet
243Kb / 6P
   Pedometer
logo
OptoDiode Corp
AXUVPS7 OPTODIODE-AXUVPS7 Datasheet
282Kb / 2P
   QUAD ELECTRON DETECTOR 15 mm Ideal for electron detection
logo
SHENZHEN FUMAN ELECTRON...
TC2152 FUMAN-TC2152 Datasheet
73Kb / 3P
   Pedometer IC
logo
List of Unclassifed Man...
437A ETC2-437A Datasheet
91Kb / 4P
   ELECTRON TUBE
logo
Hamamatsu Corporation
R6985-80 HAMAMATSU-R6985-80_15 Datasheet
134Kb / 2P
   ELECTRON MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com