Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IZ7008 Datasheet(PDF) 1 Page - Integral Corp.

No. de pieza IZ7008
Descripción Electrónicos  8-BIT MICROCONTROLLER WITH LCD DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7008 Datasheet(HTML) 1 Page - Integral Corp.

  IZ7008 Datasheet HTML 1Page - Integral Corp. IZ7008 Datasheet HTML 2Page - Integral Corp. IZ7008 Datasheet HTML 3Page - Integral Corp. IZ7008 Datasheet HTML 4Page - Integral Corp. IZ7008 Datasheet HTML 5Page - Integral Corp. IZ7008 Datasheet HTML 6Page - Integral Corp. IZ7008 Datasheet HTML 7Page - Integral Corp. IZ7008 Datasheet HTML 8Page - Integral Corp. IZ7008 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IZ7008
Korzhenevskogo 12, Minsk, 220064, Republic of Bel-
arus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
1
8-BIT MICROCONTROLLER WITH LCD DRIVER
IZ7008 is one-chip 8-bit microcontroller made by CMOS technology. The microcon-
troller is multi-purpose and can be used in electronic watch, data acquisition systems, con-
trol systems. Low consumption power and full static CMOS logic allow to use MC in inde-
pendent systems with limited energy consumption.
Technical characteristics of IZ7008:
ALU bit capacity
– 8 bits
RAM size
– 40 bytes
ROM size
– 1,5 К of commands (16–bit instructions)
RISC commands system
– 30 types of commands
Stack depth
– 7 levels
Interrupter
– from 8- inputs and three timers
Maximum number of the controlled
LCD segments
– 128 (32 LCD control drivers
at multiplex levels
1/2,1/3,1/4)
Operation temperature range -20
°С to +70 °С.


Número de pieza similar - IZ7008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ7007 INTEGRAL-IZ7007 Datasheet
260Kb / 8P
   Circuit for electron pedometer - ergmeter
More results

Descripción similar - IZ7008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
logo
Feeling Technology Corp...
FM8PE68B FEELING-FM8PE68B Datasheet
3Mb / 81P
   OTP-Based 8-Bit Microcontroller with LCD Driver
FM8P756 FEELING-FM8P756 Datasheet
3Mb / 80P
   OTP-Based 8-Bit Microcontroller with LCD Driver
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
List of Unclassifed Man...
ML610Q411 ETC2-ML610Q411 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com