Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML2215-XXXMB Datasheet(PDF) 6 Page - OKI electronic componets

No. de pieza ML2215-XXXMB
Descripción Electrónicos  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215-XXXMB Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML2215-XXXMB Datasheet HTML 2Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 3Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 4Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 5Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 6Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 7Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 8Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 9Page - OKI electronic componets ML2215-XXXMB Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
6/26
AC Characteristics
(V
DD = 2.4 to 5.5 V, GND = 0 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CLK Duty Cycle
f
duty
—40
50
60
%
RESET Input Pulse Width
t
W(
RST)
—10
µs
RESET Input Time after
Powering Up
t
D(
RST)
—0
µs
Serial Clock Pulse Width
t
W(Sl)
350
ns
Start Pulse Width
t
SDST
With 2-pin interfacing
1
µs
Serial Data Setup Time
t
SDS
—1
µs
Serial Data Hold Time
t
SSD
—1
µs
Serial Clock Setup Time
t
SlS
With 3-pin interfacing
1
µs
Serial Clock Hold Time
t
SSI
With 3-pin interfacing
1
µs
Analog Characteristics
(V
DD = 2.4 to 5.5 V, GND = 0 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
AOUT Output Voltage Range
V
AO
—V
DD/4
V
DD
V
AOUT Pull-up Resistor Value
R
AO
0.5
4.5
k


Número de pieza similar - ML2215-XXXMB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMA OKI-ML2213-XXXMA Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMB OKI-ML2213-XXXMB Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
More results

Descripción similar - ML2215-XXXMB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
   VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
NXP Semiconductors
TEA1069 PHILIPS-TEA1069 Datasheet
301Kb / 44P
   Versatile speech/dialler/ringer with music-on-hold
1998 Jan 08
logo
List of Unclassifed Man...
N551C161 ETC2-N551C161 Datasheet
470Kb / 6P
   16-Mbit Mask ROM with interface with Nuvoton PowerSpeech
logo
King blillion Electroni...
SF23C3200B KB-SF23C3200B Datasheet
295Kb / 7P
   32 Mbit CMOS Mask Programmable ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com