Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML2302TB Datasheet(PDF) 8 Page - OKI electronic componets |
|
ML2302TB Datasheet(HTML) 8 Page - OKI electronic componets |
8 / 24 page FEDL2302DIGEST-05 OKI Semiconductor ML2302 8/24 ABSOLUTE MAXIMUM RATINGS Parameter Symbol Condition Rating Unit Power Supply Voltage VDD –0.3 to +7.0 V Input Voltage VIN –0.3 to VDD +0.3 V Maximum Power Dissipation PD Ta = 25°C 689.6 mW Temperature Storage TSTG — –55 to +150 °C RECOMMENDED OPERATING CONDITIONS Parameter Symbol Condition Rating Unit Power Supply Voltage VDD DGND = AGND = 0 V +2.7 to +3.6 V Operating Temperature TOp — –10 to +70 °C Master Clock Frequency fOSC — 16.384 MHz Speaker Amplifier Load Impedance RLSP — 8 to ∞ Ω |
Número de pieza similar - ML2302TB |
|
Descripción similar - ML2302TB |