|
| LDAN202UT1 |
|
||
|
LRC |
|
3 page
LESHAN RADIO COMPANY, LTD. 0.7 1.9 0.028 0.65 0.025 0.65 0.025 inches mm 0.075 0.035 0.9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.071 0.087 1.80 2.20 K 0.017 REF 0.425 REF L 0.026 BSC 0.650 BSC N 0.028 REF 0.700 REF S 0.079 0.095 2.00 2.40 B 0.045 0.053 1.15 1.35 C 0.032 0.040 0.80 1.00 D 0.012 0.016 0.30 0.40 G 0.047 0.055 1.20 1.40 H 0.000 0.004 0.00 0.10 J 0.004 0.010 0.10 0.25 C N A L D G S B H J K 3 12 0.05 (0.002) SC-70 / SOT-323 L DAN202UT1-3/3 LDAN202UT1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| BAV99WT1 | Dual Serise Switching Diodes | 1 2 3 | Leshan Radio Company |
| LBAV99WT1 | Dual Serise Switching Diodes | 1 2 3 | Leshan Radio Company |
| CMFD2004I | DUAL ISOLATED HIGH VOLTAGE SWITCHING DIODES | 1 2 | Central Semiconductor Corp |
| M1MA151WAT1 | Common Anode Silicon Dual Switching diodes | 1 2 | E-Tech Electronics LTD |
| LM1MA151WAT1 | Common Anode Silicon Dual Switching diodes | 1 2 3 | Leshan Radio Company |
| M1MA151WKT1 | Common Anode Silicon Dual Switching diodes | 1 2 | E-Tech Electronics LTD |
| BAV70WT1 | Dual Switching Diodes | 1 2 3 | Leshan Radio Company |
| MMBD6100LT1 | Monolithic Dual Switching Diodes | 1 2 | Leshan Radio Company |
| CMPD2836 | SURFACE MOUNT DUAL SILICON SWITCHING DIODES | 1 2 | Central Semiconductor Corp |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |