Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC0408FC05C Datasheet(PDF) 5 Page - Protek Devices

No. de pieza LC0408FC05C
Descripción Electrónicos  LOW CAPACITANCE FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC05C Datasheet(HTML) 5 Page - Protek Devices

  LC0408FC05C Datasheet HTML 1Page - Protek Devices LC0408FC05C Datasheet HTML 2Page - Protek Devices LC0408FC05C Datasheet HTML 3Page - Protek Devices LC0408FC05C Datasheet HTML 4Page - Protek Devices LC0408FC05C Datasheet HTML 5Page - Protek Devices LC0408FC05C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.protekdevices.com
05153.R6 4/05
LC0408FC3.3C
thru
LC0408FC36C
PACKAGE OUTLINE & DIMENSIONS
A
B
C
E
F
G
H
I
0.56 NOM
0.86 NOM
0.99 ± 0.0254
0.15 SQ
2.0 ± 0.0254
0.15 NOM
0.127 MAX
0.076 MIN
0.406 NOM
0.022 NOM
0.034 NOM
0.039 ± 0.001
0.006 SQ
0.079 ± 0.001
0.006 NOM
0.005 MAX
0.003 MIN
0.016 NOM
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
PACKAGE OUTLINE
MOUNTING PAD LAYOUT - Option 1
A
C
D
E
F
G
H
I
0.51
0.30
0.46
0.20
0.15 SQ
0.71
0.99
0.51
NOTE:
1.
Preferred: Using 0.1mm (0.004”) stencil.
0.020
0.012
0.018
0.008
0.006 SQ
0.028
0.039
0.020
PAD DIMENSIONS
DIM
MILLIMETERS
INCHES
Outline & Dimensions: Rev 4 - 2/04, 06021
H
E
F
I
TOP
END
C
SOLDER PRINT 0.010” - 0.012” DIA.
A
D
I
SOLDER PADS
SOLDER
MASK
DIE
SOLDER
BUMP


Número de pieza similar - LC0408FC05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
LC0408FC05C PROTEC-LC0408FC05C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC05C PROTEC-LC0408FC05C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0408FC05C PROTEC-LC0408FC05C Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
More results

Descripción similar - LC0408FC05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
LC0404FC PROTEC-LC0404FC Datasheet
116Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_07 Datasheet
81Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC_07 Datasheet
69Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC PROTEC-LC0406FC Datasheet
120Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC Datasheet
96Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULC0402FC33C PROTEC-ULC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com