|
| L8050LT1 |
|
||
|
LRC |
|
1 page
LESHAN RADIO COMPANY, LTD. L8050*LT1–1/3 General Purpose Transistors MAXIMUM RATINGS Rating Symbol Max Unit Collector-Emitter Voltage VCEO 25 V Collector-Base Voltage VCBO 40 V Emitter-Base Voltage VEBO 5V Collector Current-continuoun IC 800 mAdc THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Total Device Dissipation FR-5 Board,(1) PD TA=25°C 225 mW Derate above 25°C 1.8 mW/°C Thermal Resistance,Junction to Ambient R θJA 556 °C/W Total Device Dissipation PD Alumina Substrate,(2) TA=25°C 300 mW Derate above 25°C 2.4 mW/°C Thermal Resistance,Junction to Ambient R θJA 417 °C/W Junction and Storage Temperature T j,T St g -55 to +150 °C L8050*LT1 1 3 2 SOT–23 1 BASE 2 EMITTER COLLECTOR 3 FEATURE High current capacity in compact package. IC = 0.8A. Epitaxial planar type. PNP complement: L8550 Pb-Free Package is available. DEVICE MARKING AND ORDERING INFORMATION Device Marking L8050PLT1 80P L8050PLT1G 80P (Pb-Free) L8050QLT1 1YC L8050QLT1G 1YC (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel NPN Silicon |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| L8050HQLT1 | General Purpose Transistors NPN Silicon | 1 2 3 | Leshan Radio Company |
| L8550HQLT1 | General Purpose Transistors NPN Silicon | 1 2 3 | Leshan Radio Company |
| BC817-16WT1 | General Purpose Transistors NPN Silicon | 1 2 | Leshan Radio Company |
| L2N3904 | General Purpose Transistors NPN Silicon | 1 2 3 4 5 More | Leshan Radio Company |
| L9013LT1 | General Purpose Transistors NPN Silicon | 1 2 | Leshan Radio Company |
| L9014LT1 | General Purpose Transistors NPN Silicon | 1 2 3 | Leshan Radio Company |
| FMMT4400 | SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS | 1 2 | Zetex Semiconductors |
| 2N3702 | PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS | 1 2 3 4 | Micro Electronics |
| BC846 | SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS | 1 2 3 | List of Unclassifed Manufacturers |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |