Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


L8550HQLT1 Datasheet(Hoja de datos) 2 Page - Leshan Radio Company

No. de Pieza. L8550HQLT1
Descripción  General Purpose Transistors NPN Silicon
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo 

   
 2 page
background image
LESHAN RADIO COMPANY, LTD.
L8550H*LT1-2/3
L8550H*LT1
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
––
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5
––
V
(IE=100
µΑ)
Collector-Base Breakdown Voltage
V(BR)CBO
40
––
V
(IC=100
µΑ)
Collector Cutoff Current (VCB=35V)
ICBO
150
nA
Emitter Cutoff Current (VEB=4V)
IEBO
150
nA
DC Current Gain
IC=100mA,VCE=1V
hFE
120
-
600
Collector-Emitter Saturation Voltage
(IC=800mA,IB=80mA)
VCE(S)
-
-
0.5
NOTE :
*
PQ
R
S
hFE
120~200
150~300
200~400
300~600
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
V
Version 1.1




Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L8050HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8050LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
BC817-16WT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L2N3904General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreLeshan Radio Company
L9013LT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9014LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
FMMT4400SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 Zetex Semiconductors
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
BC846SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 List of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl