|
| LSD2004LT1 |
|
||
|
LRC |
|
2 page
LESHAN RADIO COMPANY, LTD. LSD2004LT1-2/2 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,1982 2. CONTROLLING DIMENSION: INCH. INCHES MILLIMETERS DIM MIN MAX MIN MAX A 0.1102 0.1197 2.80 3.04 B 0.0472 0.0551 1.20 1.40 C 0.0350 0.0440 0.89 1.11 D 0.0150 0.0200 0.37 0.50 G 0.0701 0.0807 1.78 2.04 H 0.0005 0.0040 0.013 0.100 J 0.0034 0.0070 0.085 0.177 K 0.0140 0.0285 0.35 0.69 L 0.0350 0.0401 0.89 1.02 S 0.0830 0.1039 2.10 2.64 V 0.0177 0.0236 0.45 0.60 PIN 1. BASE 2. EMITTER 3. COLLECTOR SOT-23 D J K L A C B S H G V 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 LSD2004LT1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| GSD2004WS | High-Voltage Small-Signal Switching Diode | 1 2 | Vishay Siliconix |
| MMBD6050 | Small-Signal Switching Diode | 1 2 3 | Micro Commercial Components |
| 1N4148 | SMALL-SIGNAL SWITCHING DIODE | 1 2 3 | Jinan Gude Electronic Device |
| LSD2004SLT1 | Dual In-Series Small-Signal Switching Diode | 1 2 | Leshan Radio Company |
| GSD2004A | Dual Common-Anode Small-Signal High-Voltage Switching Diode | 1 2 3 4 | Vishay Siliconix |
| GSD2004S | Dual In-Series Small-Signal High-Voltage Switching Diode | 1 2 3 4 | Vishay Siliconix |
| CDSL4148 | Small-Signal Switching Diode | 1 2 3 | Comchip Technology |
| BAT54WT1 | SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE | 1 2 3 4 | ON Semiconductor |
| MMBD6100LT1 | Monolithic Dual Switching Diode | 1 2 3 4 5 More | ON Semiconductor |
| HVD133 | Silicon Epitaxial Planar Pin Diode for High Frequency Switching | 1 2 3 4 5 | Hitachi Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |