Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


L2N3904 Datasheet(Hoja de datos) 3 Page - Leshan Radio Company

No. de Pieza. L2N3904
Descripción  General Purpose Transistors NPN Silicon
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo 

   
 3 page
background image
LESHAN RADIO COMPANY, LTD.
L2N3904-3/6
L2N3904
TYPICAL TRANSIENT CHARACTERISTICS
Figure 1. Capacitance
REVERSE BIAS VOLTAGE (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 2. Charge Data
IC, COLLECTOR CURRENT (mA)
5000
1.0
VCC = 40 V
IC/IB = 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0 5.0 7.0 10
20 30 40
0.2 0.3 0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25°C
TJ = 125°C
Figure 3. Turn −On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
Figure 4. Rise Time
IC, COLLECTOR CURRENT (mA)
1.0
2.0 3.0
10
20
70
5
100
Figure 5. Storage Time
IC, COLLECTOR CURRENT (mA)
Figure 6. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IC/IB = 10
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V
IC/IB = 10
IC/IB = 20
IC/IB = 10
IC/IB = 20
t′s = ts 1/8 tf
IB1 = IB2




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L8050HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8050LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8550HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
BC817-16WT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9013LT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9014LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
FMMT4400SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 Zetex Semiconductors
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
BC846SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 List of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl