Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


L2N3904 Datasheet(Hoja de datos) 4 Page - Leshan Radio Company

No. de Pieza. L2N3904
Descripción  General Purpose Transistors NPN Silicon
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo 

   
 4 page
background image
LESHAN RADIO COMPANY, LTD.
L2N3904-4/6
L2N3904
TYPICAL AUDIO SMALL− SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = 5.0 Vdc, TA = 25°C, Bandwidth = 1.0 Hz)
Figure 7.
f, FREQUENCY (kHz)
4
6
8
10
12
2
0.1
Figure 8.
RS, SOURCE RESISTANCE (k OHMS)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
14
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200 W
IC = 1.0 mA
SOURCE RESISTANCE = 200 W
IC = 0.5 mA
SOURCE RESISTANCE = 500 W
IC = 100 mA
SOURCE RESISTANCE = 1.0 k
IC = 50 mA
Figure 9. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 10. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 12. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
5
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
2
1
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, TA = 25°C)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L8050HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8050LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8550HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
BC817-16WT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9013LT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9014LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
FMMT4400SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 Zetex Semiconductors
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
BC846SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 List of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl