Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


L2N3904 Datasheet(Hoja de datos) 5 Page - Leshan Radio Company

No. de Pieza. L2N3904
Descripción  General Purpose Transistors NPN Silicon
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo 

   
 5 page
background image
LESHAN RADIO COMPANY, LTD.
L2N3904-5/6
L2N3904
TYPICAL STATIC CHARACTERISTICS
Figure 13. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25°C
−55 °C
Figure 14. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0.7
5.0
7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
Figure 15. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
1.2
0.2
Figure 16. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
0
100
−0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
−1.0
−1.5
−2.0
200
TJ = 25°C
VBE(sat) @ IC/IB =10
VCE(sat) @ IC/IB =10
VBE @ VCE =1.0 V
+25°C TO +125°C
−55 °C TO +25°C
+25°C TO +125°C
−55 °C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L8050HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8050LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8550HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
BC817-16WT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9013LT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9014LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
FMMT4400SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 Zetex Semiconductors
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
BC846SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 List of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl