Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


L2N3904 Datasheet(Hoja de datos) 1 Page - Leshan Radio Company

No. de Pieza. L2N3904
Descripción  General Purpose Transistors NPN Silicon
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo 

   
 1 page
background image
LESHAN RADIO COMPANY, LTD.
L2N3904
L2N3904-1/6
NPN Silicon
General Purpose Transistors
L2N3904
TO-92
1 2
3
2N3904
Y
= Year
WW
= Work Week
YWW
MARKING DIAGRAM
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
40
Vdc
Collector − Base Voltage
VCBO
60
Vdc
Emitter − Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
200
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS (Note 1)
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
1. Indicates Data in addition to JEDEC Requirements.
COLLECTOR
3
2
BASE
1
EMITTER




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L8050HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8050LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
L8550HQLT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
BC817-16WT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9013LT1General Purpose Transistors NPN Silicon 1 2 Leshan Radio Company
L9014LT1General Purpose Transistors NPN Silicon 1 2 3 Leshan Radio Company
FMMT4400SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 Zetex Semiconductors
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
BC846SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 List of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl