Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ILC6376 Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza ILC6376
Descripción Electrónicos  0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6376 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ILC6376 Datasheet HTML 4Page - Fairchild Semiconductor ILC6376 Datasheet HTML 5Page - Fairchild Semiconductor ILC6376 Datasheet HTML 6Page - Fairchild Semiconductor ILC6376 Datasheet HTML 7Page - Fairchild Semiconductor ILC6376 Datasheet HTML 8Page - Fairchild Semiconductor ILC6376 Datasheet HTML 9Page - Fairchild Semiconductor ILC6376 Datasheet HTML 10Page - Fairchild Semiconductor ILC6376 Datasheet HTML 11Page - Fairchild Semiconductor ILC6376 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Typical Performance Characteristics
General conditions for all curves: Circuit 1; L = 20µH (Sumida, CD54), CIN = 47µF (tantalum) with 0.1µF (ceramic),
CL = 47µH (tantalum) SS12 schottky diode, CSS = 4700pF (ceramic), TA = 25°C unless otherwise noted.
-40
-20
0
20
40
60
80
ILC6377SO33
Output Voltage vs.
Ambient Temperature
AMBIENT TEMP.: TA (˚C)
3.40
3.35
3.20
3.25
3.30
400
350
300
250
200
-40
-20
0
20
40
60
80
ILC6377SO33
Oscillation Frequency vs.
Ambient Temperature
AMBIENT TEMP.: TA (˚C)
100
-40
-20
0
20
40
60
80
ILC6377SO33
Stand-by Current vs. Ambient Temperature
AMBIENT TEMP.: TA (˚C)
80
60
40
20
0
1.2
-40
-20
0
20
40
60
80
ILC6377SO33
On Resistance vs. Ambient Temperature
AMBIENT TEMP.: TA (˚C)
1.0
0.8
0.6
0.4
0.2
-40
-20
0
20
40
60
80
ILC6377SO33
PFM Duty Ration vs.
Ambient Temperature
AMBIENT TEMP.: TA (˚C)
3.40
3.35
3.20
3.25
3.30
3.40
3.35
3.30
3.26
3.20
-40
-20
0
20
40
60
80
ILC6377SO33
Output vs. Ambient Temperature
AMBIENT TEMP.: TA (˚C)
ILC6376/77
10
©2001 Fairchild Semiconductor Corporation


Número de pieza similar - ILC6376

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Impala Linear Corporati...
ILC6370 IMPALA-ILC6370 Datasheet
265Kb / 8P
   SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN
ILC6370AP-25 IMPALA-ILC6370AP-25 Datasheet
265Kb / 8P
   SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN
ILC6370AP-33 IMPALA-ILC6370AP-33 Datasheet
265Kb / 8P
   SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN
ILC6370AP-50 IMPALA-ILC6370AP-50 Datasheet
265Kb / 8P
   SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN
ILC6370BP-25 IMPALA-ILC6370BP-25 Datasheet
265Kb / 8P
   SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN
More results

Descripción similar - ILC6376

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
   300KHz PFM Control Step-Up DC/DC Converter
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com