Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IDQS34X245 Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza IDQS34X245
Descripción Electrónicos  QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

IDQS34X245 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDQS34X245 Datasheet HTML 1Page - Integrated Device Technology IDQS34X245 Datasheet HTML 2Page - Integrated Device Technology IDQS34X245 Datasheet HTML 3Page - Integrated Device Technology IDQS34X245 Datasheet HTML 4Page - Integrated Device Technology IDQS34X245 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
IDTQS34X245
HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
INDUSTRIALTEMPERATURERANGE
RON
(ohms)
VIN
(Volts)
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH for Control Pins
2
V
VIL
Input LOW Level
Guaranteed Logic LOW for Control Pins
0.8
V
IIN
Input LeakageCurrent (Control Inputs)
0V
≤ VIN ≤ VCC
——
±1µA
IOZ
Off-State Current (Hi-Z)
0V
≤ VOUT ≤ VCC, Switches OFF
±1µA
RON
Switch ON Resistance
VCC = Min., VIN = 0V, ION = 30mA
5
7
VCC = Min., VIN = 2.4V, ION =15mA
10
15
VP
PassVoltage(2)
VIN = VCC = 5V, IOUT = -5
µA
3.7
4
4.2
V
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%
NOTES:
1. Typical values are at VCC = 5.0V, TA = 25°C.
2. Pass Voltage is guaranteed but not production tested.
16
14
12
10
8
6
4
2
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5


Número de pieza similar - IDQS34X245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
IDQ TDK-IDQ Datasheet
1Mb / 6P
   300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters
March 2nd, 2023 V2
IDQ48010A480V-001-R TDK-IDQ48010A480V-001-R Datasheet
852Kb / 2P
   10A, 75VDC EMI Filters
IDQ48010A480V-002-R TDK-IDQ48010A480V-002-R Datasheet
852Kb / 2P
   10A, 75VDC EMI Filters
IDQ48010A480V-003-R TDK-IDQ48010A480V-003-R Datasheet
852Kb / 2P
   10A, 75VDC EMI Filters
More results

Descripción similar - IDQS34X245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Renesas Technology Corp
IDTQS34X245 RENESAS-IDTQS34X245 Datasheet
381Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
IDTQS34X2245 RENESAS-IDTQS34X2245 Datasheet
400Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
logo
Integrated Device Techn...
IDTQS32XR245 IDT-IDTQS32XR245 Datasheet
54Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16-BIT LOW RESISTANCE MULTIWIDTH BUS SWITCH
IDTQS34XR245 IDT-IDTQS34XR245 Datasheet
58Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT LOW RESISTANCE MULTIWIDTHTM BUS SWITCHES
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com