Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6520BMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN6520BMX
Descripción Electrónicos  Single Synchronous Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520BMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN6520BMX Datasheet HTML 1Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 2Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 3Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 4Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 5Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 6Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 7Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 8Page - Fairchild Semiconductor FAN6520BMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
FAN6520B Rev. 1.0.3
Pin Configuration
FAN6520BM 8-pin SOIC Package
Pin Definitions
Pin #
Pin Name
Pin Function Description
1
BOOT
Bootstrap Supply Input. Provides a boosted voltage to the high-side MOSFET driver.
Connect to bootstrap capacitor and diode as shown in Figure 1.
2
HDRV
High Side Gate Drive Output.
Connect to the gate of the high-side power MOSFET(s).
This pin is also monitored by the adaptive shoot-through protection circuitry to determine
when the upper MOSFET has turned off.
3
GND
Ground. The signal and power ground for the IC. Tie this pin to the ground island/plane
through the lowest impedance connection available. Connect directly to source of low-side
MOSFET(s).
4
LDRV
Low Side Gate Drive Output. Connect to the gate of the low-side power MOSFET(s).
This pin is also monitored by the adaptive shoot-through protection circuitry to determine
when the lower MOSFET has turned off.
5
VCC
VCC. Provides bias power to the IC and the drive voltage for LDRV. Bypass with a good
quality ceramic capacitor (X7R or X5R) as close to this pin as possible.
6FB
Feedback. This pin is the inverting input of the internal error amplifier. Use this pin, in
combination with the COMP pin, to compensate the voltage-control feedback loop of the
converter.
7
COMP/SD
COMP/SD. This is a multiplexed pin. During operation, the output of the error amplifier
drives this pin. Pulling COMP to a level below 0.8V disables the controller. Disabling the
controller causes the oscillator to stop, the HDRV and LDRV outputs to be held low, and the
soft-start circuitry to re-arm. Connect a 75k
Ω resistor between VCC and COMP/SD pin to
pull up.
8SW
Switch Node Input. Connect as shown in Figure 1. The SW pin provides return for the
high-side bootstrapped driver, is a sense point for the adaptive shoot-thru protection.
FAN6520B
1
2
3
4
8
7
6
5
SW
COMP/SD
FB
VCC
BOOT
HDRV
GND
LDRV


Número de pieza similar - FAN6520BMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Descripción similar - FAN6520BMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com