Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51124RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51124RGET
Descripción Electrónicos  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51124RGET Datasheet(HTML) 2 Page - Texas Instruments

  TPS51124RGET Datasheet HTML 1Page - Texas Instruments TPS51124RGET Datasheet HTML 2Page - Texas Instruments TPS51124RGET Datasheet HTML 3Page - Texas Instruments TPS51124RGET Datasheet HTML 4Page - Texas Instruments TPS51124RGET Datasheet HTML 5Page - Texas Instruments TPS51124RGET Datasheet HTML 6Page - Texas Instruments TPS51124RGET Datasheet HTML 7Page - Texas Instruments TPS51124RGET Datasheet HTML 8Page - Texas Instruments TPS51124RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS51124
SLVS616A – NOVEMBER 2005 – REVISED NOVEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERING
MINIMUM
OUTPUT
TA
PACKAGE
PART
PINS
ORDER
ECO PLAN
SUPPLY
NUMBER
QUANTITY
Plastic Quad
TPS51124RGET
Tape-and-Reel
250
Green (RoHS and
–40
°C to 85°C
24
Flat Pack (QFN)
no Sb/Br)
TPS51124RGER
Tape-and-Reel
3000
(1)
All packaging options have Cu NIPDAU lead/ball finish.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VBST1, VBST2
–0.3 to 36
Input voltage
VBST1, VBST2 (wrt LLx)
–0.3 to 6
V
range
V5IN, V5FILT, EN1, EN2, VFB1, VFB2, TRIP1, TRIP2, VO1, VO2, TONSEL
–0.3 to 6
DRVH1, DRVH2
–1 to 36
DRVH1, DRVH2 (wrt LLx)
–0.3 to 6
Output voltage
LL1, LL2
–2 to 30
V
range
PGOOD1, PGOOD2, DRVL1, DRVL2
–0.3 to 6
PGND1, PGND2
–0.3 to 0.3
TA
Operating ambient temperature range
–40 to 85
°C
Tstg
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted
PACKAGE
TA <25°C
DERATING FACTOR
TA = 85°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
24-pin QFN(1)
2.33 W
23.3 mW/
°C
0.93 W
(1)
Enhanced thermal conductance by 2
× 2 thermal vias beneath thermal pad.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply input voltage range
V5IN, V5FILT
4.5
5.5
V
VBST1, VBST2
–0.1
34
Input voltage range
VBST1, VBST2 (wrt LLx)
–0.1
5.5
V
EN1, EN2, VFB1, VFB2, TRIP1, TRIP2, VO1, VO2, TONSEL
–0.1
5.5
DRVH1, DRVH2
–0.8
34
DRVH1, DRVH2 (wrt LLx)
–0.1
5.5
Output voltage range
LL1, LL2
–1.8
28
V
PGOOD1, PGOOD2, DRVL1, DRVL2
–0.1
5.5
PGND1, PGND2
–0.1
0.1
TA
Operating ambient temperature range
–40
85
°C
2


Número de pieza similar - TPS51124RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results

Descripción similar - TPS51124RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com