Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML1538 Datasheet(PDF) 11 Page - Minilogic Device Corporation Limited

No. de pieza ML1538
Descripción Electrónicos  4-ch Motor Driver for Portable CD players
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINILOGIC [Minilogic Device Corporation Limited]
Página de inicio  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1538 Datasheet(HTML) 11 Page - Minilogic Device Corporation Limited

Back Button ML1538 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1538 Datasheet HTML 15Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
_______________________________________________________________
ML1538
4ch Motor Driver for Portable CD Player
March, 2004 V1.0
Electrical Characteristics
(unless otherwise specified, Ta=25
°C, BATT=2.4V, VSYS1=VSYS2=3.2V, Vref=1.6V, CHGVcc=0V, fCLK=88.2kHz)
Item
Symbol
Measurement Conditions
Min.
Typ.
Max.
Unit
< Interface >
OFF Pin Threshold Voltage
VOFTH
EI=1.3V
VSYS1
- 2.0
V
OFF Pin Bias Current
IOFF
OFF=0V
75
95
115
µA
START Pin ON Threshold
Voltage
VSATH1
VSYS1=VSYS2=0V, CT =2.0V
BATT
-1.0
V
START Pin OFF Threshold
Voltage
VSATH2
VSYS1=VSYS2=0V, CT =2.0V
BATT
-0.3
V
10
20
30
START Pin Bias Current
ISTART
START=0V
13
16
19
µA
CLK Pin Threshold Voltage "H"
VCLKTHH
2.0
V
CLK Pin Threshold Voltage "L"
VCLKTHL
0.8
V
CLK Pin Bias Current
ICLK
CLK=3.2V
10
µA
< Dead Time >
DEAD Pin Impedance
RDEAD
52
65
78
k
DEAD Pin Output Voltage
VDEAD
0.78
0.88
0.98
V
< Starter Circuit >
Starter Switching Voltage
VSTNM
VSYS1=VSYS2=0V 3.2V, START=0V
2.3
2.5
2.7
V
Starter Switching Hysteresis
Width
VSNHS
START=0V
130
200
300
mV
Discharge Release
VDIS
1.63
1.83
2.03
V
< Empty Detection >
EMP Detection Voltage 1
VEMPT1
VSEL=0V
2.1
2.2
2.3
V
EMP Detection Voltage 2
VEMPT2
ISEL=-2
µA
1.7
1.8
1.9
V
EMP Detection Hysteresis
Voltage1
VEMHS1
VSEL=0V
25
50
100
mV
EMP Detection Hysteresis
Voltage2
VEMHS2
ISEL=-2
µA
25
50
100
mV
EMP Pin Output Voltage
VEMP
Io=1mA, BSEN=1V
0.5
V
EMP Pin Output Leak Current
IEMPL
BSEN=2.4V
1.0
µA
BSEN Pin Input Resistance
RBSEN
VSEL=0V
17
23
27
k
BSEN Pin Leak Current
IBSENL
VSYS1=VSYS2=0V, BSEN=4.5V
1.0
µA
SEL Pin Detection Voltage
VSELTH
VSELTH=BATT-SEL, BSEN=2.0V
1.5
V
SEL Pin Detection Current
ISELT
-2
µA
< Reset Circuit >
VSYS1 RESET Threshold
Voltage Ratio
HSRT
Comparison with error amplifier
threshold voltage
85
90
95
%
RESET Detection Hysteresis
Width
VRSTHS
25
50
100
mV
RESET Pin Output Voltage
VRST
Io=1mA, VSYS1=VSYS2=2.8V
0.5
V
RESET Pin Pull Up Resistance
RRST
72
90
108
k
AMUTE Pin Output Voltage 1
VAMT1
Io=-1mA, VSYS1=VSYS2=2.8V
BATT
-04
BATT
V
AMUTE Pin Output Voltage 2
VAMT2
Io =-1mA, START=0V,
VSYS1=VSYS2=0V
BATT
-04
BATT
V
AMUTE Pin Pull DOWN
Resistance
RAMT
77
95
113
k
11/17


Número de pieza similar - ML1538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SL Power Electronics
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
374Kb / 7P
   DC Power Supplies
ML15-0.4-A SLPOWER-ML15-0.4-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
   5V, 3A, SINGLE PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
   12V, 1.3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
   24V, 0.63A, SINGLE PHASE INPUT
More results

Descripción similar - ML1538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com