Nombre de pieza
         Descripción
ALD4301

 QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER ( 6 Page)


ALD
100% 
Zoom Out Zoom In
   
 6 page
background image
ALD4301A/ALD4301
Advanced Linear Devices
TYPICAL APPLICATIONS
PUSH-PULL COMPLEMENTARY POWER MOSFET DRIVER
+
+
+12V
+12V
+12V
P- Channel VP 02
Power MOSFET
2A Source
2A Sink
N - Channel VN 01
Power MOSFET
+12V
10K
40K
10K
V1
V2
VIN
1/2 ALD4301
R
R
This circuit eliminates crossover current in the
complementary power transistors. The outputs can
be used to source and sink different loads or tied
together to provide push-pull drive of the same load.
R
≥ 50 KΩ
TIME DELAY GENERATOR
+
RF4
1/4 ALD4301
1/4 ALD4301
RF3
RF2
V+
RF1
+
1/4 ALD4301
+
1/4 ALD4301
RT
CT
+
VIN
V+
VREF
RELAY 1
RELAY 3
RELAY 2
RELAY 1 turns off followed by
RELAY 2 and then RELAY 3 with
fixed sequence and time delays
selectrd by ratios RF1, RF2 , RF3
and RF4.
Design & Operating Notes:
1. In order to minimize stray oscillation, all unused inputs must be tied to ground.
2. The input bias and offset currents are essentially input protection diode reverse bias leakage currents, and are typically less than 1 pA at room
temperature. These currents are a function of ambient temperature, and would have to be considered in applications where very high source
impedance or high accuracy are involved.
3. The high output sinking current of 60mA for each output offers flexibility in many applications, as a separate buffer or driver would not be
necessary to drive the intended load. However, as the circuit normally operates close to ambient temperature due to its very low power
consumption, thermal effects caused by large output current transients must be considered in certain applications.
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ALD2301ADUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER 1 2 3 4 Advanced Linear Devices
ALD4302AQUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
ALD4303QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
ALD2302ADUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
ALD2303ADUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
74LVX03LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE OPEN DRAIN WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
CD74HC03High Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
CD54HC03High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
74ALVC38Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl