Nombre de pieza
         Descripción
ALD4301

 QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER ( 6 Page)


ALD
100% 
Zoom Out Zoom In
   
 1 page
background image
Operating Temperature Range *
-55
°C to +125°C0°C to +70°C0°C to +70°C
14-Pin
14-Pin
14-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD 4301ADB
ALD4301ASB
ALD4301APB
ALD 4301DB
ALD4301SB
ALD4301PB
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD4301A/ALD4301
ADVANCED
LINEAR
DEVICES, INC.
ORDERING INFORMATION
PIN CONFIGURATION
BLOCK DIAGRAM
GENERAL DESCRIPTION
The ALD4301A/ALD4301 is a monolithic
high performance quad
voltage comparator built with advanced silicon gate CMOS technol-
ogy. It features very high typical input impedance of 1012
Ω; low input
bias current of 10pA; fast response time of 300ns; very low power
dissipation of 55
µA per comparator; high output drive and single +5V
or dual
±5V power supply operation.
The input voltage range includes ground, making this comparator ideal
for low level signal detection with high source impedance. The outputs
are open-drain configuration, allowing maximum application flexibility.
The outputs can be connected to a higher external voltage than V+ and
used in a wired-OR connection with other open drain circuits such as
ALD2301/ALD2303. They can also be used with push-pull output
types such as ALD2302/ALD4302 voltage comparators simultaneously
with open drain comparators using a common V+. The ALD4301A/
ALD4301 is ideal for a great variety of voltage comparator applica-
tions, especially detection circuits requiring very low input currents
and low standby power, yet retaining high output current capability.
FEATURES
• Fanout of 30 LS TTL loads
• Low supply current of 55
µA/comparator typical
• Pinout/Functional equivalent to LM393 types
• Extremely low input bias currents -- 10pA typical
• Virtually eliminates source impedance effects
• Low operating supply voltage of 3V to 12V
• Single +5V and dual supply
±5V operation
• High speed for both large signal and low level
signals -- 300ns typical for TTL inputs
• CMOS, NMOS and TTL compatible
• Wired-OR open drain outputs
• High output sinking current -- 60mA typical
• Low supply current spikes
• High gain
APPLICATIONS
• High source impedance voltage
comparison circuits
• Dual/Quad limit window comparator
• Power supply voltage monitor
• Photo-detector sensor circuit
• Relay or LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection
* Contact factory for industrial temperature range
© 2005 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
DB, PB, SB PACKAGE
+IN 1
-IN 2
+IN 2
03
04
GND
-IN 4
+IN 3
-IN 3
02
01
-IN 1
+IN 4
1
14
V+
2
3
13
12
11
10
9
8
4
5
6
7
V+
(3)
INVERTING INPUT
- IN 1 (4)
NONINVERTING INPUT
+ IN 1 (5)
NONINVERTING INPUT
+ IN 2 (7)
INVERTING INPUT
- IN 2 (6)
NONINVERTING INPUT
+ IN 3 (9)
INVERTING INPUT
- IN 3 (8)
INVERTING INPUT
- IN 4 (10)
(12)
NONINVERTING INPUT
+ IN 4 (11)
-
+
-
+
-
+
-
+
(2) OUT 1
(1) OUT 2
(14) OUT 3
(13) OUT 4
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ALD2301ADUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER 1 2 3 4 Advanced Linear Devices
ALD4302AQUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
ALD4303QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
ALD2302ADUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
ALD2303ADUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
74LVX03LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE OPEN DRAIN WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
CD74HC03High Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
CD54HC03High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
74ALVC38Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl