Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ALD4303 Datasheet(PDF) 2 Page - Advanced Linear Devices

No. de pieza ALD4303
Descripción Electrónicos  QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALD [Advanced Linear Devices]
Página de inicio  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4303 Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD4303 Datasheet HTML 1Page - Advanced Linear Devices ALD4303 Datasheet HTML 2Page - Advanced Linear Devices ALD4303 Datasheet HTML 3Page - Advanced Linear Devices ALD4303 Datasheet HTML 4Page - Advanced Linear Devices ALD4303 Datasheet HTML 5Page - Advanced Linear Devices ALD4303 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD4303A/ALD4303
Advanced Linear Devices
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V+= +5V unless otherwise specified
4303A
4303
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Notes:
1 Consists of junction leakage currents
2
Sample tested parameters
Voltage
VS
±1.5
±6
±1.5
±6
V
Dual Supplies
Supply
V+
3
12
3
12
V
Single Supply
Supply
IS
50
90
50
90
µARLOAD =
Current
4 comparators
Voltage
AVD
10
100
10
100
V/mV
RLOAD
≥15KΩ
Gain
Input Offset
VOS
2
5.0
4
10.0
mV
RLOAD =1.5K
Voltage
7.0
12.0
0
°C ≤ TA ≤ 70°C
Input Offset
IOS
0.1
30
0.1
30
pA
Current 1
800
800
0
°C ≤ TA ≤ 70°C
Input Bias
IB
0.1
30
0.1
30
pA
Current 1
1000
1000
0
°C ≤ TA ≤ 70°C
Common
Mode Input
VICR
-0.3
V+-1.5
-0.3
V+ -1.5
V
Voltage
Range 2
Low Level
ISINK =12mA
Output
VOL
0.18
0.4
0.18
0.4
V
VINPUT =1V
Voltage
Differential
Low Level
Output
IOL
24
60
24
60
mA
VOL =1.0V
Current
High Level
Leakage
ILH
0.1
20
0.1
20
nA
VOH = 5.0V
Current
Response
RL =50KΩ
Time 2
tRP
6.5
6.5
µsCL = 15pF
10mV Input
Step/10mV
Overdrive
RL = 50K
55
µsCL = 15pF
TTL- Level Input
Step
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
13.2V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
PB, SB package
0
°C to +70°C
DB package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C


Número de pieza similar - ALD4303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Linear Devices
ALD4303A ALD-ALD4303A Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303ADB ALD-ALD4303ADB Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303APBL ALD-ALD4303APBL Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303ASBL ALD-ALD4303ASBL Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303DB ALD-ALD4303DB Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results

Descripción similar - ALD4303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4301 ALD-ALD4301 Datasheet
82Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com