Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK4555 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

No. de pieza AK4555
Descripción Electrónicos  Low Power & Small Package 20bit ?誇 CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4555 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4555 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ASAHI KASEI
[AK4555]
MS0363-E-01
2005/08
- 6 -
FILTER CHARACTERISTICS
(Ta=25
°C; VDD=1.6 ∼ 3.6V; fs=44.1kHz; DEM1 pin = “L”, DEM0 pin = “H”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 6)
±0.1dB
PB
0
-
17.4
kHz
−1.0dB
-
20.0
-
kHz
−3.0dB
-
21.1
-
kHz
Stopband
SB
25.7
-
-
kHz
Passband Ripple
PR
-
-
±0.1
dB
Stopband Attenuation
SA
65
-
-
dB
Group Delay
(Note 7)
GD
-
17.0
-
1/fs
Group Delay Distortion
∆GD
-
0
-
µs
ADC Digital Filter (HPF):
Frequency Response
(Note 6)
−3dB
FR
-
3.4
-
Hz
−0.5dB
-
10
-
Hz
−0.1dB
-
22
-
Hz
DAC Digital Filter:
Passband
(Note 6)
±0.05dB
PB
0
-
20.0
kHz
−6.0dB
-
22.05
-
kHz
Stopband
SB
24.1
-
-
kHz
Passband Ripple
PR
-
-
±0.02
dB
Stopband Attenuation
SA
54
-
-
dB
Group Delay
(Note 7)
GD
-
19.0
-
1/fs
DAC Digital Filter + Analog Filter:
Frequency Response
0
∼ 20.0kHz
FR
-
±0.5
-
dB
Note 6. The passband and stopband frequencies scale with fs (sampling frequency). For examples, PB=20.0kHz(@ADC:
−1.0dB, DAC: −0.1dB) are 0.454 x fs.
Note 7. This is the calculated delay time caused by digital filtering. This time is measured from the input of analog signal
to setting the 20 bit data of both channels on input register to the output register of ADC. This time also includes
group delay of HPF. For DAC, this time is from setting the 20 bit data of both channels on input register to the
output of analog signal.
DC CHARACTERISTICS
(Ta=25
°C; VDD=1.6 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
2.2V
≤VDD≤3.6V
VIH
70
%VDD
-
-
V
1.6V
≤VDD<2.2V
VIH
80
%VDD
-
-
V
Low-Level Input Voltage
2.2V
≤VDD≤3.6V
VIL
-
-
30
%VDD
V
1.6V
≤VDD<2.2V
VIL
-
-
20
%VDD
V
High-Level Output Voltage
(Iout=
−20µA)
VOH
VDD
−0.1
-
-
V
Low-Level Output Voltage
(Iout= 20
µA)
VOL
-
-
0.1
V
Input Leakage Current
Iin
-
-
±10
µA


Número de pieza similar - AK4555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4550 AKM-AK4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AK4550VT AKM-AK4550VT Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4551 AKM-AK4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
More results

Descripción similar - AK4555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
AK4556 AKM-AK4556 Datasheet
182Kb / 22P
   3V 192kHz 24Bit ?誇 CODEC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com