Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34652EF Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MC34652EF
Descripción Electrónicos  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34652EF Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34652EF Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34652
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
VPWR
85
V
Power MOSFET Energy Capability
EMOSFET
Varies (1)
mJ
Continuous Output Current (2)
IO(CONT)
2.0
A
Maximum Voltage
DISABLE Terminal
UV Terminal
OV, ILIM, ICHG, and TIMER Terminals
PG Terminal (VPG - VIN)
PG
Terminal (VPG - VIN)
VIN - 0.3 to VPWR + 5.5
7.0
5.0
85
85
V
All Terminals Minimum Voltage
-0.3
V
PG, PG Maximum Current
Internally Limited
A
ESD Voltage, All Terminals
Human Body Model (3)
Machine Model (4)
VESD3
VESD4
±2000
±200
V
THERMAL RATINGS
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Ambient (5)
Junction
TA
TJ
-40 to 85
-40 to 160
°C
Peak Package Reflow Temperature During Solder Mounting (6)
TSOLDER
260
°C
Thermal Resistance (7), (8)
Junction-to-Ambient, Single-Layer Board (9)
Junction-to-Ambient, Four-Layer Board (10)
RθJA
RθJMA
103
65
°C/W
Notes
1.
Refer to the section titled Power MOSFET Energy Capability on page 22 for a detailed explanation on this parameter.
2.
Continuous output current capability so long as TJ is ≤ 160°C.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100pF, RZAP=1500 Ω).
4.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
5.
The limiting factor is junction temperature, taking into account power dissipation, thermal resistance, and heatsinking.
6.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits
may cause malfunction or permanent damage to the device.
7.
Refer to the section titled Thermal Shutdown on page 15 for more thermal resistance values under various conditions.
8.
The VOUT and VIN terminals comprise the main heat conduction paths.
9.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board (JESD51-3) horizontal.
10.
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal. There are no thermal vias connecting the package to the two planes in the
board.


Número de pieza similar - MC34652EF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34652EF FREESCALE-MC34652EF Datasheet
1Mb / 26P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
MC34652EFR2 FREESCALE-MC34652EFR2 Datasheet
1Mb / 26P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
More results

Descripción similar - MC34652EF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
34652 FREESCALE-34652_07 Datasheet
1Mb / 26P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
34653 FREESCALE-34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com