Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC667 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC667
Descripción Electrónicos  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC667 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC667 Datasheet HTML 1Page - Burr-Brown (TI) DAC667 Datasheet HTML 2Page - Burr-Brown (TI) DAC667 Datasheet HTML 3Page - Burr-Brown (TI) DAC667 Datasheet HTML 4Page - Burr-Brown (TI) DAC667 Datasheet HTML 5Page - Burr-Brown (TI) DAC667 Datasheet HTML 6Page - Burr-Brown (TI) DAC667 Datasheet HTML 7Page - Burr-Brown (TI) DAC667 Datasheet HTML 8Page - Burr-Brown (TI) DAC667 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
DAC667
TIMING SPECIFICATIONS
SYMBOL
PARAMETER
MIN
TYP
MAX UNITS
tDC
Data Valid to End of CS
50
ns
tAC
Address Valid to End of CS
100
ns
tCP
CS Pulse Width
100
ns
tDH
Data Hold Time
0
ns
tSETT
Output Voltage Settling Time
2
4
µs
All models, TA = +25°C, VCC = +12V or +15V, VEE = –12V or –15V.
ABSOLUTE MAXIMUM RATINGS
VCC to Power Ground .............................................................. 0V to +18V
VEE to Power Ground .............................................................. 0V to –18V
Digital Inputs (Pins 11–15, 17–28) to Power Ground ............. –1V to +7V
Ref In to Reference Ground ..............................................................
±12V
Bipolar Offset to Reference Ground .................................................
±12V
10V Span Resistor to Reference Ground .........................................
±12V
20V Span Resistor to Reference Ground .........................................
±24V
Ref Out, VOUT (Pins 6, 9) .................... Indefinite Short to Power Ground,
Momentary Short To VCC
Power Dissipation ........................................................................ 1000mW
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
TEMPERATURE
LINEARITY ERROR
GAIN TC, max
PACKAGE DRAWING
PRODUCT
PACKAGE
RANGE
max at 25
°C
(ppm/
°C)
NUMBER(1)
DAC667JP
28-Pin Plastic DIP
0
°C to +70°C
±1/2LSB
±30
215
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.
TIMING DIAGRAMS
Load first rank from Data Bus; A3 = 1.
t
Write Cycle #1
t
SETT
CS
±1/2LSB
A3
t
AC
t
CP
Load second rank from first rank; A2, A1, A0 = 1.
Write Cycle #2
Output
CS
A2–A0
t
AC
t
DC
t
DH
t
CP
DB11–DB0


Número de pieza similar - DAC667

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60004 TI1-DAC60004 Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDR TI1-DAC60004IDMDR Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDT TI1-DAC60004IDMDT Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IPW TI1-DAC60004IPW Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
More results

Descripción similar - DAC667

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com