Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM368-5.0 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM368-5.0
Descripción Electrónicos  LM368-5.0 and LM368-10 Precision Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM368-5.0 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM368-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LM368-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM368-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM368-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM368-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM368-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM368-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM368-5.0 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Applications
Wide Range Trimmable Regulator
TLH5522 – 7
Adjustable Zener
TLH5522 – 9
g
Reference
TLH5522 – 11
Narrow Range Trimmable Regulator (g1% min)
TLH5522 – 8
Improved Noise Performance
TLH5522 – 10
g
10V g5V References
e
LF444A or
LF412A
TLH5522 – 12
Re
Thin Film Resistor Network
g
005% Matching and 5ppm Tracking
(Beckman 694-3-R-10K-A)
(Caddock T-914-10K-100-05)
or similar
4


Número de pieza similar - LM368-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM368-5.0 TI1-LM368-5.0 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
More results

Descripción similar - LM368-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM368-2.5 NSC-LM368-2.5 Datasheet
134Kb / 8P
   LM368-2.5 Precision Voltage Reference
logo
Analog Devices
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
logo
List of Unclassifed Man...
LM366 ETC-LM366 Datasheet
117Kb / 2P
   LM168/LM368 MOS sense amplifiers (MOS to TTL converters)
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com