Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40041DRBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40041DRBT
Descripción Electrónicos  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40041DRBT Datasheet(HTML) 3 Page - Texas Instruments

  TPS40041DRBT Datasheet HTML 1Page - Texas Instruments TPS40041DRBT Datasheet HTML 2Page - Texas Instruments TPS40041DRBT Datasheet HTML 3Page - Texas Instruments TPS40041DRBT Datasheet HTML 4Page - Texas Instruments TPS40041DRBT Datasheet HTML 5Page - Texas Instruments TPS40041DRBT Datasheet HTML 6Page - Texas Instruments TPS40041DRBT Datasheet HTML 7Page - Texas Instruments TPS40041DRBT Datasheet HTML 8Page - Texas Instruments TPS40041DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS40040, TPS40041
SLUS700B – MARCH 2006 – REVISED MARCH 2006
T
J = -40 °C to 85°C VDD = 5 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply
VDD
Input voltage range
2.25
5.5
V
IDDsd
Shutdown
EN = VDD
100
180
µA
IDDq
Quiescent
FB = 0.8 V
1.0
2.0
mA
IDDs
Switching current
No load at HDRV/LDRV
2.0
UVLOON
Minimum turn-on voltage
1.95
2.05
2.15
V
UVLOHYS
Hysteresis
80
130
200
mV
Oscillator/ Ramp Generator
fPWM
TPS40040 PWM frequency
2.25 V < VDD < 5.5 V
250
300
350
kHz
fPWM
TPS40040 PWM frequency
VDD = 5.0 V, 0
°C < T
J < 70°C
270
300
330
kHz
fPWM
TPS40041 PWM frequency
2.25 V < VDD < 5.5 V
500
600
700
kHz
fPWM
TPS40041 PWM frequency
VDD = 5.0 V, 0
°C < T
J < 70°C
540
600
660
kHz
VRAMP
Ramp amplitude PP
VPEAK– VVALLEY
0.75
0.87
1.0
V
VVALLEY
Ramp valley voltage
0.37
V
PWM
MAXDUTY Maximum duty cycle, TPS40040
VFB = 0 V, 2.25 V < VDD < 5.5 V
90
95
Maximum duty cycle, TPS40041
VFB = 0 V, 2.25 V < VDD < 5.5 V
88
95
%
MINDUTY
Minimum duty cycle
0
MIN pulse
Minimum width control range before
Minimum controllable pulse width
90
150
ns
width (1)
jumping to zero.
Error Amplifier
VDD = 5.0 V, 0
°C < T
J < 70°C
593.5
600.0
606.5
VFB
FB input voltage
mV
2.25 V < VDD < 5.5 V, -40
°C < T
J <
590
610
125
°C
IFB
FB input bias current
50
150
nA
IOH = 0.5 mA, VFB = 0 V, VDD = 5.5
VOH
High level output voltage
2.0
2.5
V
V
VOL
Low level output voltage
IOL = 0.5 mA, VFB = VDD
80
150
mV
IOH
Output source current
VCOMP = 0.7 V, VFB = GND
1
6
mA
IOL
Output sink current
VCOMP = 0.7 V, VFB = VDD
2
8
GBW(1)
Gain bandwidth
5
10
MHz
AOL
Open loop gain
55
85
dB
Short Circuit Protection
Resistor COMP to GND = 2.4 k
Ω, T
J
TH1
Low short circuit threshold voltage
80
105
130
= 25
°C
Medium short circuit threshold
Default: No resistor COMP to GND,
VTH2
145
180
215
mV
voltage
TJ = 25°C
Resistor COMP to GND = 12 k
Ω, T
J
VTH3
High short circuit threshold voltage
250
310
370
= 25
°C
VTH(tc)(1)
Threshold temperature coefficient
3100
ppm
Minimum HDRV pulse time in over
tON(oc)(1)
200
current
ns
tSWOCblank
SW leading edge blanking pulse in
100
(1)
over current detection
tHICCUP
Hiccup time between restarts
40
ms
(1)
Ensured by design. Not production tested.
3


Número de pieza similar - TPS40041DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40041DRBT TI-TPS40041DRBT Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40041DRBTG4 TI-TPS40041DRBTG4 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
More results

Descripción similar - TPS40041DRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
[Old version datasheet]   6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com