Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD15-22TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

No. de pieza PD15-22TR8
Descripción Electrónicos  1206 Package Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD15-22TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PD15-22TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD15-22TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD15-22TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD15-22TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD15-22TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD15-22TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD15-22TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DTD-152-001
REV :
1.0
ECN :
PAGE :
6/7
1206 Package Silicon PIN Photodiode
MODEL NO :
PD15-22B/TR8
Test Method For Reverse Light Current
Condition: Ee=5mW/c㎡,V
R=5V
Test Item: Reverse Light Current (Unit:μA)
Package Dimensions:


Número de pieza similar - PD15-22TR8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
PD15-22B-TR8 EVERLIGHT-PD15-22B-TR8 Datasheet
255Kb / 10P
   Silicon PIN Photodiode
PD15-22BTR8 EVERLIGHT-PD15-22BTR8 Datasheet
255Kb / 10P
   Silicon PIN Photodiode
PD15-22C EVERLIGHT-PD15-22C Datasheet
162Kb / 9P
   Silicon PIN Photodiode
PD15-22C-L3 EVERLIGHT-PD15-22C-L3 Datasheet
153Kb / 9P
   Silicon PIN Photodiode
PD15-22C-TR8 EVERLIGHT-PD15-22C-TR8 Datasheet
162Kb / 9P
   Silicin PIN Photodiode
More results

Descripción similar - PD15-22TR8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
PD15-21B-TR8 EVERLIGHT-PD15-21B-TR8 Datasheet
202Kb / 10P
   1206 Package Silicin PIN Photodiode
EAPDST3215A0 EVERLIGHT-EAPDST3215A0 Datasheet
518Kb / 9P
   1206 Package Silicin PIN Photodiode
logo
Siemens Semiconductor G...
SRD00111Z SIEMENS-SRD00111Z Datasheet
119Kb / 5P
   Silicon PIN Photodiode in TO-Package
logo
OSRAM GmbH
SFH-2500-FA OSRAM-SFH-2500-FA Datasheet
368Kb / 12P
   Silicon PIN Photodiode in SMR짰 Package
SFH-2505-FA OSRAM-SFH-2505-FA Datasheet
382Kb / 12P
   Silicon PIN Photodiode in SMR짰 Package
logo
Everlight Electronics C...
EAPDST3215A1 EVERLIGHT-EAPDST3215A1 Datasheet
381Kb / 8P
   3215 Package PIN Photodiode
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com