Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST6G3238ETTR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza ST6G3238ETTR
Descripción Electrónicos  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238ETTR Datasheet(HTML) 5 Page - STMicroelectronics

  ST6G3238ETTR Datasheet HTML 1Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 2Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 3Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 4Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 5Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 6Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 7Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 8Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST6G3238E
Pin Connection and Function
5/17
2.1
Pin Function
CMD, Command is a bi-directional line. The host and card drivers are operating in push-
pull.
DAT0-3, Data lines are bi-directional lines. The host and the card drivers are operating in
push-pull mode.
CLK, Clock is a host to card signal. CLK operates in push-pull mode.
Feedback (return) Clock is feedback clock signal from level shifter to host for controlling
delays.
CD, Card detect, pulls HIGH state of input to VCCA. This pin is protected against ESD up to
8kV contact.
WP, Write protect, pulls HIGH state of input to VCCA. This pin is protected against ESD up
to 8kV contact.
Table 3.
Pin Description
µTFBGA Pin N° TSSOP Pin N°
Type
Side
Symbol
Name and Function
A2
3
I
A-side
CMD-dir
Command direction
HIGH = A to B
LOW = B to A
D2
4
I/O
A-side
CMD.h
A-side Command
D4
22
I/O
B-Side
CMD
B-side Command
A3
1
I
A-Side
DAT0-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
D1
5
I/O
A-Side
DAT0.h
Data Input / Output
D5
21
I/O
B-Side
DAT0
Data Input / Output
E3
15
I
A-Side
DAT123-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
E1
6
I/O
A-Side
DAT1.h
Data Input / Output
A1
7
I/O
A-Side
DAT2.h
Data Input / Output
B1
8
I/O
A-Side
DAT3.h
Data Input / Output
E5
20
I/O
B-Side
DAT1
Data Input / Output
A5
19
I/O
B-Side
DAT2
Data Input / Output
B5
18
I/O
B-Side
DAT3
Data Input / Output
C1
10
I
A-Side
CLK.h
Clock Input
C5
17
O
B-Side
CLK
Clock Output
E2
9
O
A-Side
CLK-f
Clock Feedback
D3
23
-
A-Side
CD
Card Detect
E4
16
-
A-Side
WP
Write Protect
B3
2
-
A-Side
VCCA
Power supply
B4
24
-
B-Side
VCCB
Power supply
C3, C4
11, 14
-
-
GND
Ground (0V)
A4, B2, C2
12, 13
-
-
NC
No connect


Número de pieza similar - ST6G3238ETTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
More results

Descripción similar - ST6G3238ETTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
   Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and 짹15 kV ESD protection
November 2011 Rev 2
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
   SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com