Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA6812-5 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

No. de pieza TDA6812-5
Descripción Electrónicos  TV-Stereo Processor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6812-5 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TDA6812-5 Datasheet HTML 6Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 7Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 8Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 9Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 10Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 11Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 12Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 13Page - Siemens Semiconductor Group TDA6812-5 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TDA 6812-5
Semiconductor Group
122
g) Switching Byte IV
MXP-period = 2 s means that identification-signal decoder searches 1 s for dual and 1 s for stereo.
It is basically permissible, for the given C36,38, to make the MPX period longer, but not shorter.
QSt
=
0
Quasi-stereo OFF; power ON
QSt
=
1
Quasi-stereo ON
BE
=
0
Stereo base enlargement OFF; power ON
BE
=
1
Stereo base enlargement ON
Mono
=
0
Identification-signal decoder set to stereo and held; power ON
Mono
=
1
Normal operation of identification-signal decoder
P1
=
0
Port 1 (open collector) low (low-impedance); power ON
P1
=
1
Port 1 high (high impedance)
P2
=
0
Port 2 (open collector) low (low-impedance); power ON
P2
=
1
Port 2 high (high impedance)
Matrix
=
0
Gain matrix 0 dB
Matrix
=
1
Gain matrix 6 dB; power ON
h) Talk Mode
CL = 1
Loudspeaker signal path at clipping limit
(CL is automatically reset after each reading operation)
T3 thru T5 are test bits.
MSB
••••••LSB
MPX0
MPX1
QSt
BE
Mono
P1
P2
Matrix
MPX0
MPX1
MPX-Period
Recommended C36,38
Perm. Xtal Tolerances
0
0
2 s
Power-ON
1
µF
± 20 ppm
0
1
4 s
2.2
µF
± 10 ppm
1
0
8 s
4.7
µF
± 5 ppm
Settings specially recommended for crystal operation
0
0
2 s
470 nF
± 40 ppm
0
1
4 s
330 nF
± 70 ppm
MSB
••••••LSB
St
D
T3T4T5CL
X
X
0
0
Decoder detects mono
1
0
Decoder detects stereo
0
1
Decoder detects dual
1
1
Suppressed internally


Número de pieza similar - TDA6812-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA6800 PHILIPS-TDA6800 Datasheet
54Kb / 10P
   Video modulator circuit
March 1986
TDA6800T PHILIPS-TDA6800T Datasheet
54Kb / 10P
   Video modulator circuit
March 1986
logo
Sharma Electro Componen...
TDA684K35CB SHARMA-TDA684K35CB Datasheet
446Kb / 2P
   Tantalum Capacitors
TDA685K06CB SHARMA-TDA685K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Descripción similar - TDA6812-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA6610-5 SIEMENS-TDA6610-5 Datasheet
1Mb / 31P
   TV STEREO PROCESSOR
TDA6611 SIEMENS-TDA6611 Datasheet
1Mb / 34P
   TV STEREO PROCESSOR
TDA6610-2 SIEMENS-TDA6610-2 Datasheet
1Mb / 29P
   TV-STEREO PROCESSOR
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Siemens Semiconductor G...
TDA6612 SIEMENS-TDA6612 Datasheet
1Mb / 45P
   TV-STEREO-SOUND
TDA6612-5 SIEMENS-TDA6612-5 Datasheet
1Mb / 47P
   TV-STEREO-SOUND
logo
National Semiconductor ...
LM1884 NSC-LM1884 Datasheet
74Kb / 3P
   TV STEREO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com