Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STC62WV1M8EIG70 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza STC62WV1M8EIG70
Descripción Electrónicos  Very Low Power/Voltage CMOS SRAM 1M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

STC62WV1M8EIG70 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STC62WV1M8EIG70 Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision 2.1
Jan.
2004
3
R0201-
STC62WV1M8
1. Typical characteristics are at TA = 25oC.
2. Fmax = 1/t
RC .
3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
4. Icc_Max. is 31mA(@3.0V) / 76mA(@5.0V) under 55ns operation.
5.IccsB1 is 5uA/55uA at Vcc=3.0V/5.0V and TA=70oC.
DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
3. IccDR(Max.) is 1.3uA at TA=70OC.
DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
STC
LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
CE1
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE1
Vcc - 0.2V
STC62WV1M8
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE1≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
(3)
Data Retention Current
CE1≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.8
2.5
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=3V
-0.5
--
0.8
VIL
Guaranteed Input Low
Voltage
(3)
Vcc=5V
-0.5
--
0.8
V
Vcc=3V
2.0
--
Vcc+0.3
VIH
Guaranteed Input High
Voltage
(3)
Vcc=5V
2.2
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE1 = VIH or CE2 = VIL or
OE = VIH, VI/O = 0V to Vcc
--
--
1
uA
Vcc=3V
VOL
Output Low Voltage
Vcc = Max, IOL = 2mA
Vcc=5V
--
--
0.4
V
Vcc=3V
VOH
Output High Voltage
Vcc = Min, IOH = -1mA
Vcc=5V
2.4
--
--
V
70ns
Vcc=3V
--
--
25
ICC
(4)
Operating Power Supply
Current
CE1= VIL, CE2= VIH,
IDQ = 0mA, F = Fmax
(2)
70ns
Vcc=5V
--
--
61
mA
Vcc=3V
--
--
1
ICCSB
Standby Current-TTL
CE1 = VIH or CE2= VIL, IDQ = 0mA
Vcc=5V
--
--
2
mA
Vcc=3V
--
1.5
10
ICCSB1
(5)
Standby Current-CMOS
CE1≧Vcc-0.2V or CE2≦0.2V
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
Vcc=5V
--
8.0
110
uA
LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
CE2
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIL
VIL
Vcc
VDR ≧ 1.5V
CE2 ≦ 0.2V


Número de pieza similar - STC62WV1M8EIG70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC ETC-STC62WV1024DC Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-55 ETC-STC62WV1024DC-55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-70 ETC-STC62WV1024DC-70 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DCG55 ETC-STC62WV1024DCG55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
More results

Descripción similar - STC62WV1M8EIG70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Brilliance Semiconducto...
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com