|
| MA2J111 |
|
||
|
PANASONIC |
|
2 page
Switching Diodes 2 MA2J111 IR Ta Ct VR IF(surge) tW 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 100 1 000 Forward voltage V F (V) Ta = 150°C 100 °C 25 °C − 20°C 0 20406080 100 120 Reverse voltage V R (V) 0.01 0.1 1 10 100 Ta = 150°C 25 °C 100 °C 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 −40 0 40 80 120 160 200 Ambient temperature T a ( °C) IF = 100 mA 10 mA 3 mA 0.01 −40 0 40 80 120 160 200 0.1 1 10 100 Ambient temperature T a ( °C) 35 V 1 V VR = 75 V 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 20406080 100 120 Reverse voltage V R (V) f = 1 MHz Ta = 25°C 0.1 0.03 1 10 100 0.3 3 30 300 1 000 0.3 3 30 10 1 0.1 Pulse width t W (ms) tW Non repetitive IF(surge) Ta = 25°C IF VF IR VR VF Ta |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| 1N4150W | SURFACE MOUNT SWITCHING DIODES | 1 2 3 | Pan Jit International Inc. |
| BAS70- | Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing | 1 2 3 4 5 | Siemens Semiconductor Group |
| 1SS220 | SILICON SWITCHING DIODES | 1 2 3 4 | NEC |
| LDAN202UT1 | Dual Serise Switching Diodes | 1 2 3 | Leshan Radio Company |
| 1N6761-1 | SCHOTTKY FAST SWITCHING DIODES | 1 2 | Sensitron |
| M1MA151WAT1 | Common Anode Silicon Dual Switching diodes | 1 2 | E-Tech Electronics LTD |
| 1SS400 | Surface Mount Switching Diodes | 1 2 3 | Weitron Technology |
| MA2J112 | Switching Diodes | 1 2 | Panasonic Semiconductor |
| BAL99 | SURFACE MOUNT SWITCHING DIODES | 1 2 3 | Pan Jit International Inc. |
| BAS70 | HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching | 1 2 3 4 | Siemens Semiconductor Group |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |