Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME431B Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME431B
Descripción Electrónicos  Adjustable Precision Shunt Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431B Datasheet(HTML) 1 Page - Analog Microelectronics

  AME431B Datasheet HTML 1Page - Analog Microelectronics AME431B Datasheet HTML 2Page - Analog Microelectronics AME431B Datasheet HTML 3Page - Analog Microelectronics AME431B Datasheet HTML 4Page - Analog Microelectronics AME431B Datasheet HTML 5Page - Analog Microelectronics AME431B Datasheet HTML 6Page - Analog Microelectronics AME431B Datasheet HTML 7Page - Analog Microelectronics AME431B Datasheet HTML 8Page - Analog Microelectronics AME431B Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AME, Inc.
1
AME431B
Adjustable Precision Shunt Regulator
n Functional Block Diagram
l Very accurate reference voltage : 0.15% typical
l High stability under capacitive load
l Low temperature deviation: 4.5mV typical
l Low equivalent full-range temperature coefficient
with 20PPM/oC typical
l Low dynamic output resistance: 0.2
Ω typical
l Sink current capacity from 1mA to 100mA
l Low output noise
l Available in 5 packages: TO-92, SOT-23-3,
SOT-89, SO-8 and SOT-25
The AME431B series ICs are 3-terminal adjustable
shunt regulator with guaranteed temperature stability over
a full operation range. These ICs feature sharp turn-on
characteristics, low temperature coefficient and low out-
put impendance, which make them ideal substitutes for
Zener diodes in applications such as switching power
supply, charger and other adjustable regulators.
The reference is set to 1.24V for AME431Bxxxxx12 and
2.5V for AME431Bxxxxx25. The output voltage can be
set to 1.24V to 16V for V
REF=1.24V part type and 2.5 to
36V for V
REF=2.5V part type with two external resistors.
The AME431B precision reference is offered in two ref-
erence tolerance: 0.5% and 1.0%
The 5 main packages have low thermal impendance
which allows operation over a wide range of -40oC to
+125oC.
l Adjustable power supplies
l Linear regulators
l Battery operated computer
l Portable electronics
l Instrumentation
l Switching power supply
l Mother board
l LCD monitor
l Note book computer
n General Description
n Features
n Applications
V+ (Cathode)
GND (Anode)
REF
V
REF


Número de pieza similar - AME431B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME431B-1.24V AME-AME431B-1.24V Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431B-2.5V AME-AME431B-2.5V Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA12Z AME-AME431BAJATA12Z Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA12Z-1 AME-AME431BAJATA12Z-1 Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA25Z AME-AME431BAJATA25Z Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
More results

Descripción similar - AME431B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com