Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME7720 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

No. de pieza AME7720
Descripción Electrónicos  Step-Up/Step-Down 60mA Regulated Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME7720 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AME7720 Datasheet HTML 4Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 5Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 6Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 7Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 8Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 9Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 10Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 11Page - Asahi Kasei Microsystems AME7720 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AME, Inc.
8
Step-Up/Step-Down
60mA Regulated Charge Pump
AME7720 / 7721
n Detailed Description
The AME7720 / 7721 regulated charge pump provides a
regulated output voltages ranging from less than the output
to greater than the output. This is accomplshed by auto-
matic mode switching within the device.
n Short Circuit and Thermal
Protection
The AME7720 / 7721 has a thermal protection and shut-
down circuit that continuously monitors the IC junction tem-
perature. If the thermal protection circuit senses the die
temperature exceeding approximately 160OC, the thermal
shutdown will disable the charge pump switching cycle op-
eration, The thermal limit system has 20OC of system hys-
teresis before the charge pump can reset. Once the over
current event is removed from the output and the junction
temperature drops below 140OC, the charge pump will the
become active again. The thermal protection system will
cycle on and off if an output short circuit condition persists.
This will allow the AME7720 / 7721 to operate indefinitely a
short circuit condition without damage to the device.
n Shutdown Mode
A control pin on the regulator can be used to place the
device into an energy-saving shutdown mode. In this mode,
the output is disconnected from the input as long as V
IN is
greater than or equal to minimum V
IN and input quiescent
current is reduced to 1
µA maximum.
n Capacitor Selection
For minimum output voltage ripple, the output capacitor
C
OUT should be a ceramic, surface-mount type. Tantalum
capacitors generally have a higher Effective Series Resis-
tance (ESR) and may contribute to higher output voltage
ripple. Leaded capacitors also increase ripple due to the
higher inductance of the package itself. To achieve best
operation with low input voltage and high load current, the
input and pump capacitors (C
IN, CPUMP respecvively) should
also be surface-mount ceramic types. In all cases, X7R or
X5R dielectric are recommended.
n Efficiency
The efficiency of the charge pump regulator varies
with the output voltage version, the applied input volt-
age, the load current, and the internal operation mode
of the device.
The approximate efficiency is given by:
5V Version (V
IN<= VOUT)
Efficiency (%) = V
OUT / 2V IN 100
3.3V Version (V
IN> VOUT)
Efficiency (%) = V
OUT / VIN 100
n Layout
Large ripple currents flow in the V
IN and VOUT traces.
To minimized both input and output ripple, keep the
capacitors as close as possible to the regulator using
short, direct circuit traces.
The trace lengths from the input and output capaci-
tors have been kept as short as possible. A star ground
system has been implemented, with GND pin as the
center of the star. No ground plane is provided in other
layers, as this will provide capacitive coupling for noise
spikes.
With light loads or higher input voltage, a smaller
0.1
µF pump capacitor (C
PUMP) and smaller 1µF input
and output capacitor (C
IN and COUT, respectively) can
be used. To minimize output voltage ripple, increase
the output capacitor, C
OUT, to 10µF or larger.


Número de pieza similar - AME7720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Descripción similar - AME7720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com