Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME7721BEEV500Z Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

No. de pieza AME7721BEEV500Z
Descripción Electrónicos  Step-Up/Step-Down 60mA Regulated Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME7721BEEV500Z Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AME7721BEEV500Z Datasheet HTML 2Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 3Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 4Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 5Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 6Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 7Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 8Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 9Page - Asahi Kasei Microsystems AME7721BEEV500Z Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AME, Inc.
6
Step-Up/Step-Down
60mA Regulated Charge Pump
AME7720 / 7721
Parameter
Symbol
Min
Typ
Max
Units
2.7
5.5
1.8
5.5
1.8V < VIN < 5.5V,
IOUT = 0mA
60
100
1.8V < VIN < 5.5V,
EN = GND
0.01
0.1
Output Current
IOUT
60
mA
Short Circuit Current Limit
ISC
80
mA
Ripple Voltage
1
VRIPPLE
VIN = 3V,
IOUT = 60mA
50
mVp-p
Efficiency
η
IOUT = 15mA,
VIN = 2.7V
90
%
Frequency
fOSC
Oscillator Free
Running
1.0
MHz
EN Input Threshold High
VIH
1.3
V
EN Input Threshold Low
VIL
0.6
V
EN Input Current High
IIH
0.1
µA
EN Input Current Low
IIL
0.1
µA
VOUT Turn-on time
tON
VIN = 3V,
IOUT = 60mA
TA=25
oC
0.15
ms
Over Temperature Shutdown
OTS
160
Over Temperature Hysterisis
OTH
20
oC
V
µA
3.14
3.3
3.46
4.75
Input Voltage
VIN
VOUT = 3.3V
Output Voltage
VOUT
IOUT <= 15mA, 1.8V < VIN < 5.5V
IOUT <= 60mA, 2.2V < VIN < 5.5V
Test Conditions
VOUT = 5V
IOUT <= 15mA, 2.7V < VIN < 5.5V
IOUT <= 60mA, 3.0V < VIN < 5.5V
TA=-40~+85
oC
VOUT = 5V
VOUT = GND
5
5.25
V
Quiescent Current
IQ
TA=25
oC
EN = VIN
EN = GND
n Electrical Specifications(AME7720)
T
A=-40
OC to +85OC, V
IN = VOUT/2+0.75V, IOUT = 5mA , CIN = COUT=2.2µF , CPUMP =
0.22
µF, V
EN=1.3V
Typical Values are at T
A=25
OC.
Note 1: Effective series resistance (ESR) of capacitors is < 0.1
Ω.


Número de pieza similar - AME7721BEEV500Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Descripción similar - AME7721BEEV500Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com