Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-RG10 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-RG10
Descripción Electrónicos  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-RG10 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-RG10 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-RG10 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-RG10 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-RG10 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-RG10 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-RG10 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-RG10 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-RG10 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4 mm Oval Precision Optical
Performance LED Lamps
Data Sheet
Features
• Well defined spatial radiation
pattern
• Viewing angle:
major axis 120
°
minor axis 60
°
• High luminous output
• Two red and amber intensity
levels
AlInGaP (bright) and
AlInGaP II (brightest)
• Colors
626/630 nm red
590/592 nm amber
526 nm green
470 nm blue
• Superior resistance to moisture
• UV resistant epoxy
Benefits
• Viewing angle designed for wide
field of view applications
• Superior performance for outdoor
environments
• Radiation pattern matched for red,
green, and blue for full color sign
Applications
• Full color signs
Description
These Precision Optical Perfor-
mance Oval LEDs are specifically
designed for Full Color/Video and
Passenger Information signs. The
oval shaped radiation pattern
(60
° x 120°) and high luminous
intensity ensure that these de-
vices are excellent for wide field
of view outdoor applications
where a wide viewing angle and
readability in sunlight are essen-
tial. These lamps have very
smooth, matched radiation pat-
terns ensuring consistent color
mixing in full color applications,
message uniformity across the
viewing angle of the sign.
High efficiency LED materials are
used in these lamps: Aluminum
Indium Gallium Phosphide
(AlInGaP) for Red and Amber
color and Indium Gallium Nitride
(InGaN) for Blue and Green.
There are two families of red and
amber lamps, AlInGaP and the
higher performance AlInGaP II.
Each lamp is made with an
advanced optical grade epoxy
offering superior high tempera-
ture and high moisture resistance
in outdoor applications. The
package epoxy contains both uv-a
and uv-b inhibitors to reduce the
effects of long term exposure to
direct sunlight.
Designers can select parallel
(where the axis of the leads is
parallel to the wide axis of the
oval radiation pattern) or perpen-
dicular orientation. Both lamps
are available in tinted version.
SunPower Series
Agilent HLMP-RG10, HLMP-SG10, HLMP-RL10, HLMP-SL10,
HLMP-RD11, HLMP-SD11, HLMP-RL11, HLMP-SL11,
HLMP-RM11, HLMP-SM11, HLMP-RB11, HLMP-SB11
CAUTION: The Blue and Green LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Agilent Technologies Application Note AN-1142 for additional details.


Número de pieza similar - HLMP-RG10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-RG10-JM000 AVAGO-HLMP-RG10-JM000 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

Descripción similar - HLMP-RG10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com