Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-RL11-LPV00 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-RL11-LPV00 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 8 page 3 Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. Device Selection Guide for AlInGaP II Color and Luminous Dominant Intensity Wavelength IV (mcd) at 20 mA Leads with Leadframe Package Part Number λd (nm) Typ. Min. Max. Stand-Offs Orientation Drawing HLMP-SD11-LP000 Red 630 345 1330 Yes Perpendicular A HLMP-RD11-LP000 Red 630 345 1330 Yes Parallel B HLMP-SD11-LPT00 Red 630 345 1330 Yes Perpendicular A HLMP-RD11-LPT00 Red 630 345 1330 Yes Parallel B HLMP-SD11-MNT00 Red 630 450 1010 Yes Perpendicular A HLMP-SL11-HLR00 Amber 592 155 600 Yes Perpendicular A HLMP-SL11-LP000 Amber 592 345 1330 Yes Perpendicular A HLMP-RL11-LP000 Amber 592 345 1330 Yes Parallel B HLMP-SL11-LPR00 Amber 592 345 1330 Yes Perpendicular A HLMP-RL11-LPR00 Amber 592 345 1330 Yes Parallel B HLMP-SL11-LPV00 Amber 592 345 1330 Yes Perpendicular A HLMP-RL11-LPV00 Amber 592 345 1330 Yes Parallel B Device Selection Guide for InGaN Color and Luminous Dominant Intensity Wavelength IV (mcd) at 20 mA Leads with Leadframe Package Part Number λd (nm) Typ. Min. Max. Stand-Offs Orientation Drawing HLMP-SM11-LP000 Green 526 345 1330 Yes Perpendicular A HLMP-RM11-LP000 Green 526 345 1330 Yes Parallel B HLMP-SB11-EH000 Blue 470 70 270 Yes Perpendicular A HLMP-RB11-EH000 Blue 470 70 270 Yes Parallel B Notes: 4. The luminous intensity is measured on the mechanical axis of the lamp package. 5. The optical axis is closely aligned with the package mechanical axis. 6. The dominant wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. |
Número de pieza similar - HLMP-RL11-LPV00 |
|
Descripción similar - HLMP-RL11-LPV00 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |