Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5N214DBQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS5N214DBQR
Descripción Electrónicos  2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS5N214DBQR Datasheet(HTML) 4 Page - Texas Instruments

  TS5N214DBQR Datasheet HTML 1Page - Texas Instruments TS5N214DBQR Datasheet HTML 2Page - Texas Instruments TS5N214DBQR Datasheet HTML 3Page - Texas Instruments TS5N214DBQR Datasheet HTML 4Page - Texas Instruments TS5N214DBQR Datasheet HTML 5Page - Texas Instruments TS5N214DBQR Datasheet HTML 6Page - Texas Instruments TS5N214DBQR Datasheet HTML 7Page - Texas Instruments TS5N214DBQR Datasheet HTML 8Page - Texas Instruments TS5N214DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Dynamic Characteristics
TS5N214
2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
HIGH-BANDWIDTH BUS SWITCH
SCDS206 – AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
IIN
Control inputs
VCC = 5.25 V,
VIN = 0 to VCC
10
µA
VO = 0 to 10 V,
Switch OFF,
VCC = 5.25 V,
10
VI = 0,
VIN = VCC or GND
IOZ(3)
µA
VCC = 0 V,
VO = Open,
VI = 0 to 10 V
10
II/O = 0,
ICC
VCC = 5.25 V,
VIN = VCC or GND
10
mA
Switch ON or OFF,
Cin
Control inputs
VCC = 5 V,
VIN = 10 V or 0
10
pF
Switch OFF,
A port
VCC = 5 V,
VI/O = 10 V or 0
60
VIN = VCC or GND,
Cio(OFF)
pF
Switch OFF,
B port
VCC = 5 V,
VI/O = 10 V or 0
20
VIN = VCC or GND,
Switch ON,
Cio(ON)
VCC = 5 V,
VI/O = 10 V or 0
100
pF
VIN = VCC or GND,
VI = 0 V,
IO = 50 mA
3
7.5
VCC = 4.75 V,
ron(4)
VI = 8 V,
IO = –50 mA
7.5
TYP at VCC = 5 V
VI = 10 V,
IO = –50 mA
12.5
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the I/O leakage current.
(4)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 5 V
FROM
TO
± 0.25 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tpd(1)
A or B
B or A
3
ns
tpd(s)
S
A
200
ns
S
B
200
ten
ns
OE
A or B
200
S
B
200
tdis
ns
OE
A or B
200
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
over recommended operating free-air temperature range, V
CC = 5 V ± 5% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1) MAX
UNIT
Bandwidth (BW)(2)
RL = 50 Ω,
VI = 0.632 V (P-P),
See Figure 4
25
MHz
OFF isolation (OISO) RL = 50 Ω,
VI = 0.632 V (P-P),
f = 25 MHz,
See Figure 5
–50
dB
Crosstalk (XTALK)
RL = 50 Ω,
VI = 0.632 V (P-P),
f = 25 MHz,
See Figure 6 and Figure 7
–50
dB
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C
(2)
Bandwidth is the frequency where the gain is –3 dB below the DC gain.
4


Número de pieza similar - TS5N214DBQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5N214DBQR TI-TS5N214DBQR Datasheet
453Kb / 18P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N214DBQRE4 TI-TS5N214DBQRE4 Datasheet
453Kb / 18P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N214DBQRG4 TI-TS5N214DBQRG4 Datasheet
453Kb / 18P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
More results

Descripción similar - TS5N214DBQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5N412 TI-TS5N412 Datasheet
239Kb / 15P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N214 TI-TS5N214_10 Datasheet
453Kb / 18P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412_10 Datasheet
453Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118_1 Datasheet
453Kb / 17P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118_101 TI-TS5N118_101 Datasheet
500Kb / 18P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118 Datasheet
294Kb / 16P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com