|
| AV9014 |
|
||
|
AVICTEK |
|
2 page
@vic AV9014 Copyright © Avic Electronics Corp. 2 Website: http://www.avictek.com Typical Characteristics VCE[V], Collector-Emitter Voltage Figure 1. Static Characteristic IB=160μA IC[mA], Collector Current Figure 2. DC current Gain IC[mA], Collector Current Figure 4. Current Gain Bandwidth Product IC[mA], Collector Current Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage IB=140μA IB=120μA IB=100μA IB=80μA IB=60μA 50 40 30 20 10 0 0 10 20 30 40 50 1000 100 10 10 100 1000 VCE = 5V 1000 100 10 10 100 1000 VBE(sat) VCE(sat) IC=10IB VCE = 5V 1000 100 10 1 10 100 1000 IB=40μA IB=20μA 60 70 80 90 100 1 1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| 8550SS | TO-92 Plastic-Encapsulate Transistors | 1 2 3 | List of Unclassifed Manufacturers |
| AV733 | TO-92 Plastic-Encapsulate Transistors | 1 2 | Avic Technology |
| AV9012 | TO-92 Plastic-Encapsulate Transistors | 1 2 | Avic Technology |
| S9016 | TO-92 Plastic-Encapsulate Transistors | 1 | List of Unclassifed Manufacturers |
| AV965 | TO-92 Plastic-Encapsulate Transistors | 1 2 3 | Avic Technology |
| A733 | TO-92 Plastic-Encapsulate Transistors | 1 2 | List of Unclassifed Manufacturers |
| AV1015 | TO-92 Plastic-Encapsulate Transistors | 1 2 3 | Avic Technology |
| S9012 | TO-92 Plastic-Encapsulate Transistors | 1 2 | List of Unclassifed Manufacturers |
| 2SA562 | TO-92 Plastic-Encapsulate Transistors | 1 2 | List of Unclassifed Manufacturers |
| AV1815 | TO-92 Plastic-Encapsulate Transistors | 1 2 3 | Avic Technology |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |