Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPPM0110 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPPM0110
Descripción Electrónicos  DUAL LOW-DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPPM0110 Datasheet(HTML) 1 Page - Texas Instruments

  TPPM0110 Datasheet HTML 1Page - Texas Instruments TPPM0110 Datasheet HTML 2Page - Texas Instruments TPPM0110 Datasheet HTML 3Page - Texas Instruments TPPM0110 Datasheet HTML 4Page - Texas Instruments TPPM0110 Datasheet HTML 5Page - Texas Instruments TPPM0110 Datasheet HTML 6Page - Texas Instruments TPPM0110 Datasheet HTML 7Page - Texas Instruments TPPM0110 Datasheet HTML 8Page - Texas Instruments TPPM0110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPPM0110
DUAL LOW-DROPOUT LINEAR REGULATOR
SLVS365 –MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Dual Voltage Output, 3.3 V ±3% and
1.8 V
±2%
D 3.3-V Output Within 2 V of 1.8-V Output
Under All Conditions
D 1.5-A Load Current Capability on 3.3-V
Output
D 300-mA Load Current Capability on
1.8-V Output
D Overcurrent Protection for Both
Outputs
D Thermally-Enhanced Packaging
Concept for Efficient Heat Management
D Thermal Shutdown to Protect Device
During Excessive Power Dissipation
description
The TPPM0110 is a power source intended for use in systems that have a single 5-V input source and require
dual, linearly-regulated, low-dropout voltage sources. The outputs must track within 2 V of each other during
all conditions and modes of operation. Each output is protected against overcurrent conditions. In the event that
one of the outputs is shorted to ground, the other output must maintain a voltage output differential of less than
2 V compared to the output with the abnormal condition.
The 3.3-V
± 3% regulated output is capable of driving loads of 1.5 A, and the 1.8-V ± 2% regulated output is
capable of driving loads of 300 mA under all normal operating conditions. The device is available in a
PowerPAD
 thermally-enhanced package for efficient heat management, and requires a copper plane to
dissipate the heat.
PowerPAD is a trademark of Texas Instruments.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
NC
NC
3.3VOUT
NC
5VCC
NC
1.8VOUT
NC
NC
GND
NC
NC
NC
NC
NC
NC
NC
NC
NC
DWP HSOP PACKAGE
(TOP VIEW)


Número de pieza similar - TPPM0110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWPR TI-TPPM0111DWPR Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPPM0110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com