Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
N01L0818L1AN-85I Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc. |
|
N01L0818L1AN-85I Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc. |
1 / 9 page NanoAmp Solutions, Inc. 670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035 ph: 408-935-7777, FAX: 408-935-7770 www.nanoamp.com Stock No. 23205-01 11/01/02 1 The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com. N01M0818L1A 1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit Overview The N01M0818L1A is an integrated memory device intended for non life-support (Class 1 or 2) medical applications. This device comprises a 1 Mbit Static Random Access Memory organized as 131,072 words by 8 bits. The device is designed and fabricated using NanoAmp’s advanced CMOS technology with reliability inhancements for medical users. The base design is the same as NanoAmp’s N01M0818L2A, which has further reliability processing for life-support (Class 3) medical applications. The device operates with two chip enable (CE1 and CE2) controls and output enable (OE) to allow for easy memory expansion. The N01M0818L1A is optimal for various applications where low-power is critical such as battery backup and hand-held devices. The device can operate over a very wide temperature range of -40oC to +85oC and is available in JEDEC standard packages compatible with other standard 256Kb x 8 SRAMs Features • Single Wide Power Supply Range 1.4 to 2.3 Volts - STSOP package • Dual Power Supply - Die Only 1.4 to 2.3 Volts - VCC 1.4 to 3.6 Volts - VCCQ • Very low standby current 200nA maximum at 2.0V and 37 deg C • Very low operating current 1 mA at 2.0V and 1µs (Typical) • Very low Page Mode operating current 0.5mA at 1.0V and 1µs (Typical) • Simple memory control Dual Chip Enables (CE1 and CE2) Output Enable (OE) for memory expansion • Low voltage data retention Vcc = 1.2V • Automatic power down to standby mode • Special Processing to reduce Soft Error Rate (SER) Pin Configuration Product Family Part Number Package Type Operating Temperature Power Supply (Vcc) Speed Standby Current (ISB), Max Operating Current (Icc), Max N01M0818L1AN 32 - STSOP I -40oC to +85oC 1.4V - 2.3V 85ns @ 1.7V 150ns @ 1.4V 20 µA 2.5 mA @ 1MHz N01M0818L1AD Known Good Die N01M0818L1A STSOP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 A11 A9 A8 A13 WE CE2 A15 VCC NC A16 A14 A12 A7 A6 A5 A4 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CE1 I/O7 I/O6 I/O5 I/O4 I/O3 VSS I/O2 I/O1 I/O0 A0 A1 A2 A3 Pin Descriptions Pin Name Pin Function A0-A16 Address Inputs WE Write Enable Input CE1, CE2 Chip Enable Input OE Output Enable Input I/O0-I/O7 Data Inputs/Outputs VCCQ Output Power (die only) VCC Power VSS Ground |
Número de pieza similar - N01L0818L1AN-85I |
|
Descripción similar - N01L0818L1AN-85I |