Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N01L163WC2AB-55I Datasheet(PDF) 4 Page - NanoAmp Solutions, Inc.

No. de pieza N01L163WC2AB-55I
Descripción Electrónicos  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANOAMP [NanoAmp Solutions, Inc.]
Página de inicio  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N01L163WC2AB-55I Datasheet(HTML) 4 Page - NanoAmp Solutions, Inc.

  N01L163WC2AB-55I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N01L163WC2AB-55I Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(DOC# 14-02-013 REV G ECN# 01-1270)
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WC2A
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
260oC, 10sec
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Supply Voltage
VCC
2.3
3.0
3.6
V
Data Retention Voltage
VDR
Chip Disabled3
1.8
3.6
V
Input High Voltage
VIH
1.8
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.6
V
Output High Voltage
VOH
IOH = 0.2mA
VCC–0.2
V
Output Low Voltage
VOL
IOL = -0.2mA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.5
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
2.0
4.0
mA
Read/Write Operating Supply Current
@ 70 ns Cycle Time2
ICC2
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
12.0
16.0
mA
Page Mode Operating Supply Current
@ 70ns Cycle Time2 (Refer to Power
Savings with Page Mode Operation
diagram)
ICC3
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
4.0
mA
Read/Write Quiescent Operating Sup-
ply Current3
3. This device assumes a standby mode if the chip is disabled (CE1 high or CE2 low). In order to achieve low standby current all
inputs must be within 0.2 volts of either VCC or VSS.
ICC4
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0,
f = 0
3.0
mA
Maximum Standby Current3
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 3.6 V
2.0
20.0
µA
Maximum Data Retention Current3
IDR
Vcc = 1.8V, VIN = VCC or 0
Chip Disabled, tA= 85oC
10.0
µA


Número de pieza similar - N01L163WC2AB-55I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N01L163WC2AB-55I NANOAMP-N01L163WC2AB-55I Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

Descripción similar - N01L163WC2AB-55I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com